W2PV-C32B-R/UL
AI

The **W2PV-C32B-R/UL** is a high-performance **Miniature Circuit Breaker (MCB)** manufactured by **IDEC**, specifically designed for protecting electrical circuits in industrial control systems. It is part of the W2PV series, which focuses on DC power applications, particularly in photovoltaic (PV) systems.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model** | W2PV-C32B-R/UL |
| **Current Rating ($I_n$)** | 32 Amperes |
| **Voltage Rating** | 600V DC (Typical for PV systems) |
| **Number of Poles** | 2-Pole (Indicated by 'B' configuration) |
| **Tripping Characteristic** | C-Curve (Medium magnetic trip) |
| **Mounting** | 35mm DIN Rail |
| **Standards** | UL 489B (Molded Case Circuit Breakers for PV) |
---
### Key Electronic & Physical Components
#### 1. Thermal-Magnetic Trip Mechanism
The "heart" of the breaker consists of two primary internal components:
* **Bimetallic Strip (Thermal):** Protects against prolonged overloads. As current exceeds 32A, the strip heats up and bends, eventually releasing the latch.
* **Electromagnetic Coil (Magnetic):** Protects against short circuits. High instantaneous current creates a magnetic field that pulls a plunger to trip the breaker immediately.
#### 2. C-Curve Tripping Profile
The **"C"** designation refers to its trip curve. It is designed to handle moderate inrush currents.
* **Trip Range:** Typically trips between **5x to 10x** the rated current (160A to 320A) instantaneously.
#### 3. Permanent Magnet Arc Extinguisher
Because DC arcs are much harder to extinguish than AC arcs (due to the lack of a zero-crossing point), this unit features:
* **Arc Runners:** Metal plates that pull the arc away from the contacts.
* **Internal Magnets:** These push the arc into the arc chute to quench it quickly, preventing contact welding.
#### 4. UL 489B Compliance
This specific suffix signifies that the component is listed for use in **Photovoltaic (PV) systems**. Unlike standard breakers, these are tested to handle the specific requirements of solar arrays where current flows are strictly DC.
---
### Wiring & Orientation
Because this unit uses permanent magnets for arc quenching, it is **polarity sensitive**.
* **Terminal Marking:** You must follow the `+` and `-` markings on the device.
* **Protection:** It provides protection against overcurrent and short circuits in the positive and negative legs of a DC string.
- ⤷
What is the difference between a C-curve and a B-curve for DC circuit breakers?
- ⤷ How does the UL 489B rating differ from the standard UL 489 rating?
- ⤷ Why is polarity sensitivity important in DC circuit breakers?