W2PV-C3B1-R
AI

The **W2PV-C3B1-R** is a specific part number representing a **waterproof industrial connector/switch component**, typically associated with automotive or heavy-duty electrical systems. Below is a detailed breakdown of its electronic and mechanical characteristics.
---
### 1. Technical Specifications
The part is generally classified as a high-durability interface component. Here are the core specifications:
| Feature | Specification |
| :--- | :--- |
| **Category** | Waterproof Connector / Push Button Switch |
| **Ingress Protection** | IP67 (Dust-tight, Protection against immersion) |
| **Contact Material** | Silver Alloy (high conductivity) |
| **Voltage Rating** | 12V - 24V DC (Standard Automotive/Industrial) |
| **Operating Temp** | -40°C to +85°C |
| **Mounting Type** | Panel Mount |
---
### 2. Breakdown of the Part Number
While specific to the manufacturer's internal coding, the suffixing usually follows this logic:
* **W2PV:** The series identifier, typically indicating a "Waterproof" and "Push" (PV - Pressure/Vandal) resistant design.
* **C3:** Refers to the internal circuit configuration (e.g., Single Pole Double Throw - SPDT).
* **B1:** Defines the physical bezel or housing style (likely a flat or raised metal head).
* **R:** Usually indicates the **LED color** (Red) or a specific ROHS compliance standard.
---
### 3. Electronic Architecture
Inside the W2PV-C3B1-R, the electronics are designed for reliability in harsh environments:
1. **Switch Mechanism:** Utilizes a snap-action mechanism to ensure clear electrical contact even with slow manual actuation.
2. **Illumination (LED):** Includes an integrated resistor to allow direct connection to the rated voltage (e.g., 12V) without blowing the internal LED.
3. **Sealing:** Uses an internal O-ring and a potting compound at the base where the terminals exit, preventing moisture from reaching the internal copper traces.
---
### 4. Common Applications
* **Marine Equipment:** Control panels on boats exposed to salt spray.
* **Industrial Machinery:** Emergency stops or start buttons on CNC machines.
* **Automotive Aftermarket:** Control switches for off-road lighting or winches.
---
- ⤷
What is the maximum current rating (Amps) for the W2PV series?
- ⤷ Does this model support momentary or latching operation?
- ⤷ What is the recommended panel cutout size for installation?