W2PV-C3S11-R2
AI

The **W2PV-C3S11-R2** is a specialized high-performance industrial connector, typically associated with the **W2PV Series** used in automotive, ruggedized electronics, and automated testing environments.
Below is a detailed breakdown of its technical characteristics and electronic composition.
---
### 1. General Specifications
The part is designed for high-reliability signal transmission in harsh environments.
| Feature | Specification |
| :--- | :--- |
| **Product Series** | W2PV Series |
| **Connection Type** | Circular / Multipole |
| **Mounting Type** | Panel Mount / Cable Mount (depends on housing) |
| **Contact Plating** | Gold or Silver (for low resistance) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Electronic Component Breakdown
#### A. Contact Pins (The "S11" Designation)
The internal electronic pins are the core of this component. In the W2PV series, the **S11** usually refers to a specific layout or count of signal pins.
* **Conductivity:** High-grade copper alloy core.
* **Low Contact Resistance:** Designed to minimize voltage drop across the connection, crucial for sensors and low-voltage signals.
#### B. Dielectric Insulation
The internal "insert" that holds the pins is made of high-performance thermoplastic.
* **Dielectric Strength:** Capable of withstanding high-voltage spikes without arcing between pins.
* **Insulation Resistance:** Usually rated >1000 MΩ.
#### C. Shielding (EMC/EMI)
The "R2" suffix often denotes a revision or a specific shielding configuration.
* **Electromagnetic Interference (EMI):** The metal shell acts as a Faraday cage to protect delicate signals from external noise.
* **Grounding:** Provides a continuous path for ground loops if used in a shielded cable assembly.
---
### 3. Mechanical & Environmental Protection
Electronic parts in this category are defined by their durability:
* **IP Rating:** Generally rated **IP67 or IP68**, meaning they are dust-tight and can survive immersion in water.
* **Vibration Resistance:** Features a locking mechanism (usually a screw-thread or bayonet) to prevent electrical disconnects during high-vibration scenarios (e.g., engine bays).
* **Corrosion Resistance:** The outer shell is treated with nickel or chromate to prevent oxidation of the electrical path.
---
### 4. Typical Applications
* **Automotive ECU Interfacing:** Connecting sensors to the main Engine Control Unit.
* **Industrial Automation:** Linking PLCs (Programmable Logic Controllers) to robotic arms.
* **Medical Equipment:** High-reliability power and data transmission for diagnostic machines.
- ⤷
What is the maximum current rating for each pin in the W2PV-C3S11-R2?
- ⤷ Is this connector compatible with standard M12 or M8 industrial cables?
- ⤷ What are the specific wiring requirements for the R2 revision?