W2PV-C3SAB-R
AI

The **W2PV-C3SAB-R** is a specific part number from the **W2PV series** of high-performance connectors, typically manufactured by companies like **Walsin** or similar electronic component providers. This specific part belongs to the category of **Board-to-Board (B2B)** or **FPC/FFC connectors**, designed for high-density, low-profile electronic assemblies.
---
### 1. Key Technical Specifications
The part number encodes specific physical and electrical attributes. Below is a breakdown of the typical specifications for this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Plug (Male) Connector |
| **Pitch** | 0.35mm to 0.4mm (Ultra-fine pitch) |
| **Number of Pins** | Defined by the "3S" or "C" suffix (typically 30-40 pins) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) |
| **Retention Mechanism** | Power Armor / Locking Terminals |
| **Packaging** | Tape & Reel (indicated by the "-R") |
---
### 2. Physical Construction
The connector is engineered for miniaturized devices where space is at a premium.
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
* **Contacts:** Copper alloy for high conductivity and durability.
* **Armor/Shielding:** Some variants include metal "armor" on the ends to prevent damage during accidental "mismating" (misalignment during assembly).
---
### 3. Application Areas
Due to its small footprint and high signal integrity, the W2PV-C3SAB-R is commonly found in:
1. **Smartphones:** Connecting the main PCB to sub-boards (charging ports, cameras).
2. **Wearables:** Smartwatches and fitness trackers.
3. **Display Modules:** Connecting OLED or LCD panels to the logic board.
4. **IoT Devices:** Compact sensor arrays and communication modules.
---
### 4. Part Number Breakdown (Generalized)
While internal manufacturer codes vary, the suffix usually follows this logic:
* **W2PV:** Series name (Power-signal hybrid or fine-pitch series).
* **C3:** Often refers to the stacking height (e.g., 0.6mm or 0.8mm).
* **SAB:** Specific orientation or pin configuration code.
* **-R:** Standard industry code for **Reel** packaging, intended for automated pick-and-place machines.
---
### 5. Soldering & Handling
* **Moisture Sensitivity:** These parts are often MSL-1 or MSL-3 rated; keep them in sealed bags until use.
* **Reflow Profile:** Requires a lead-free reflow profile with a peak temperature of roughly $260^\circ\text{C}$.
- ⤷
What is the exact stacking height for the W2PV series?
- ⤷ Is there a female mating connector compatible with the W2PV-C3SAB-R?
- ⤷ What are the current rating limits per pin for this connector?