Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PV-C3SAB-R/Q

  • AI
    The **W2PV-C3SAB-R/Q** is a high-performance, waterproof illuminated pushbutton switch, typically used in industrial control panels, automotive interfaces, and medical equipment. It belongs to a specialized series known for durability and tactile feedback. --- ### 🔍 Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Illuminated Pushbutton Switch | | **Circuitry** | SPST (Single Pole Single Throw) or DPST (Depending on exact sub-config) | | **Action Type** | Momentary (Non-locking) | | **Voltage Rating** | 12V - 24V DC (Standard LED drive) | | **Current Rating** | 50mA to 100mA (Signal level) | | **Ingress Protection** | IP67 (Dust-tight and waterproof) | | **Illumination Color** | R/Q (Red/White or Red High-Intensity) | | **Termination** | Solder or Connectorized | --- ### 🛠️ Key Electronic Components 1. **Switching Mechanism**: Uses a high-quality dome or mechanical leaf contact system designed for millions of cycles. The "C3" in the part number often denotes the specific actuation force or contact material (e.g., gold-plated for low-level signals). 2. **Internal LED Module**: The part includes an integrated LED. The **"R/Q"** suffix identifies the color and intensity. These LEDs usually require an external current-limiting resistor if the circuit doesn't provide one, though many industrial variants have internal resistors for 12V/24V compatibility. 3. **Sealing Gasket**: An internal O-ring and silicone diaphragm ensure the electronic internals are protected from moisture and chemical ingress, meeting IP67 standards. 4. **Housing**: Constructed from high-grade polycarbonate or stainless steel (depending on the specific sub-series), providing EMI shielding and physical protection. --- ### 📐 Wiring Diagram Concept Below is a generic representation of how such a switch is integrated into a circuit: ```cpp // Logic for a Microcontroller Interface void setup() { pinMode(SWITCH_PIN, INPUT_PULLUP); // Switch Contact pinMode(LED_PIN, OUTPUT); // Switch Illumination } void loop() { if (digitalRead(SWITCH_PIN) == LOW) { digitalWrite(LED_PIN, HIGH); // Light up when pressed } else { digitalWrite(LED_PIN, LOW); } } ``` --- ### ⚠️ Application Notes * **Debouncing**: Since this is a mechanical switch, hardware or software debouncing is required to prevent "flicker" in digital circuits. * **Heat Sensitivity**: When soldering the terminals, keep dwell time under 3 seconds to avoid melting the internal plastic housing or damaging the LED.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for this switch?
    • ⤷ Does this specific model require an external resistor for the LED?
    • ⤷ Can this switch be used for AC mains switching or is it DC only?