W2PV-C3SAB-R2/CE
AI

The **W2PV-C3SAB-R2/CE** is a high-performance industrial motor driver, specifically part of the **SANMOTION K** series manufactured by **Sanyo Denki**. It is designed to drive high-efficiency synchronous motors with a focus on energy savings and precise control.
---
## Technical Specifications
The following table outlines the core electronic and operational characteristics of this drive:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Sanyo Denki |
| **Series** | SANMOTION K (W2) |
| **Input Voltage** | 3-Phase 200V - 230V AC |
| **Output Type** | PWM Controlled Sinusoidal |
| **Control Method** | Speed, Torque, and Position Control |
| **Certification** | CE (European Conformity) |
| **Cooling Method** | Natural Air or Forced Air Cooling |
---
## Key Electronic Components & Features
### 1. Power Stage (Inverter Section)
This unit utilizes an **IGBT (Insulated Gate Bipolar Transistor)** bridge. This section converts the rectified DC bus voltage back into a variable frequency/variable voltage 3-phase AC output. The "W2" designation typically refers to its specific high-efficiency power architecture.
### 2. Control Circuitry
* **Digital Signal Processor (DSP):** The "brain" of the unit that calculates the vector control algorithms in real-time.
* **Feedback Interface:** It supports high-resolution encoder inputs to ensure accurate motor shaft positioning and velocity regulation.
### 3. Protection Modules
The unit includes integrated electronic protection circuits to safeguard against:
* **Overcurrent:** Protects the IGBTs from short circuits.
* **Overvoltage:** Monitors the DC bus during regenerative braking.
* **Overload:** Thermal protection for both the driver and the motor.
### 4. Communication & I/O
The suffix and model codes indicate specific I/O configurations:
* **Analog/Pulse Interface:** Standard interface for receiving speed commands (Analog ±10V) or position commands (Pulse/Dir).
* **Safety Integrated:** The "CE" marking ensures it meets strict electromagnetic compatibility (EMC) and low-voltage directives.
---
## Part Number Breakdown (W2PV-C3SAB-R2)
| Code Segment | Meaning |
| :--- | :--- |
| **W2** | Series Name (SANMOTION K Series) |
| **PV** | Control Type (Typically Velocity/Position control) |
| **C3** | Current/Power Rating code |
| **SAB** | Specific Hardware/Software configuration |
| **R2** | Revision or minor specification change |
| **CE** | Complies with EU safety standards |
- ⤷
What is the maximum current rating for the C3 power code in this series?
- ⤷ Which Sanyo Denki motors are compatible with the W2PV series?
- ⤷ Does this driver support EtherCAT or other industrial fieldbus protocols?