W2PV-C3SB2-R/UL
AI

The **W2PV-C3SB2-R/UL** is a specialized power-related component, typically part of a specific industrial or commercial power management series (often associated with manufacturers like Omron or specific PDU/Relay board vendors).
Below is a breakdown of the technical aspects and specifications common to this part category.
---
### 1. General Specifications
This part is a **Power Relay / Switch Assembly** often used in power distribution units (PDUs) or industrial control panels.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Relay / Power Switching Module |
| **Mounting Style** | PCB or Panel Mount (Depending on base) |
| **Safety Standard** | UL Recognized (UL File compliance) |
| **Contact Material** | Silver Alloy (often AgNi or AgSnO2) |
| **RoHS Status** | Compliant (indicated by -R suffix) |
### 2. Part Number Breakdown
The nomenclature typically follows this logic:
* **W2PV:** The series prefix, indicating a high-capacity power relay or terminal block interface.
* **C3:** Refers to the contact configuration or the physical size/housing type.
* **SB2:** Indicates the coil voltage or specific sensing behavior (e.g., Sensitive type, DC voltage rating).
* **R:** Signifies RoHS (Restriction of Hazardous Substances) compliance.
* **UL:** Signifies Underwriters Laboratories certification for safety in North American markets.
### 3. Key Electronic Functions
#### A. Contact Configuration
Usually, these parts feature a **SPST (Single Pole Single Throw)** or **DPST** configuration. They are designed to handle high inrush currents, making them suitable for:
* Switching power supplies.
* Motor starting.
* Industrial lighting loads.
#### B. Coil Sensitivity
The "SB" designation often points to a "Sensitive" coil. This means the relay requires less power to energize the electromagnet compared to standard relays, which reduces heat dissipation on the control board.
#### C. Insulation and Dielectric Strength
Given its UL rating, the part is designed with high clearance and creepage distances to prevent electrical arcing between the low-voltage control side and the high-voltage load side.
---
### 4. Typical Applications
1. **Smart PDUs:** Used to toggle individual power outlets via software control.
2. **HVAC Controllers:** Managing compressors or fans.
3. **Industrial Automation:** Acting as an interface between a PLC (Programmable Logic Controller) and a heavy load.
---
- ⤷
What is the maximum current rating (Amps) for the W2PV series?
- ⤷ Does this component require a specific socket for mounting?
- ⤷ What is the standard coil voltage for the SB2 variant?