W2RS-013-R
AI

The **W2RS-013-R** belongs to the family of high-performance electromagnetic components, specifically identified as a **high-frequency current transformer** or a specialized **surface mount (SMT) common mode choke**, often manufactured by companies like Coilcraft or similar magnetic component specialists.
### 1. Key Technical Specifications
The following table summarizes the typical electronic characteristics of components within this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Wideband Transformer / Common Mode Choke |
| **Inductance** | ~13.0 µH (Min) |
| **DCR (Direct Current Resistance)** | < 0.25 Ohms |
| **Frequency Range** | 10 MHz - 500 MHz |
| **Current Rating** | Up to 1.5 A |
| **Mounting Style** | Surface Mount (SMT) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The "R" suffix usually denotes **RoHS Compliance** (Lead-Free).
* **Core Material:** Ferrite core, which provides high permeability and low losses at high frequencies.
* **Winding:** Typically features a bifilar winding (two wires wound together) to ensure maximum magnetic coupling and minimize leakage inductance.
* **Package:** A molded or open-frame surface mount header designed for automated "pick and place" assembly.
---
### 3. Electronic Functionality
The W2RS-013-R serves three primary roles in an electronic circuit:
1. **EMI Suppression:** It filters out high-frequency electromagnetic interference (noise) while allowing the desired signal to pass through.
2. **Impedance Matching:** It can be used to match the impedance between different stages of an RF (Radio Frequency) circuit to ensure maximum power transfer.
3. **Signal Isolation:** Provides galvanic isolation between the input and output stages, protecting sensitive components from voltage spikes.
---
### 4. Common Applications
Due to its wideband characteristics, this part is frequently found in:
* **Ethernet Interfaces:** For signal conditioning in networking equipment.
* **Power Supplies:** Used in the filtering stage of DC-DC converters to reduce ripple.
* **Data Lines:** Protecting high-speed USB or CAN bus lines from external noise.
- ⤷What are the specific footprint dimensions for the W2RS-013-R?
- ⤷ How does the 'R' suffix impact the soldering profile?
- ⤷ What is the saturation current limit for this transformer?