W2RS-013-R2
AI

The **W2RS-013-R2** is a specialized electronic component, typically identified as a **high-precision, wire-wound resistor** or a specific **current sense resistor**, often utilized in power management and industrial control circuits.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Key Technical Specifications
| Parameter | Typical Value / Description |
|:---|:---|
| **Component Type** | Precision Wire-wound / Current Sense Resistor |
| **Resistance Value** | Defined by part markings (often low ohmic) |
| **Tolerance** | Usually $\pm0.1\%$ to $\pm1\%$ (High Precision) |
| **Power Rating** | 1W to 3W (depending on mounting/heatsinking) |
| **Temperature Coefficient** | Low TCR (e.g., $\pm20$ ppm/°C) |
| **Package Style** | Radial Lead or Specialized Surface Mount |
---
### 2. Core Electronic Characteristics
#### A. Wire-Wound Construction
Unlike standard carbon film resistors, the W2RS series utilizes a resistive wire wound around a ceramic core.
* **Stability:** Offers superior long-term stability under thermal stress.
* **Surge Handling:** Capable of handling short-term high-energy pulses better than thin-film alternatives.
#### B. Current Sensing Capability
The "R2" suffix often denotes a specific revision or resistance value (such as $0.2\Omega$ in some coding schemes). These parts are designed to:
* Minimize voltage drop while providing an accurate signal to a comparator or MCU.
* Maintain linear performance across a wide temperature range.
#### C. Thermal Management
The part is designed with materials that have high thermal conductivity to dissipate heat away from the resistive element, preventing "thermal runaway" or accuracy drift during continuous operation.
---
### 3. Common Applications
* **Motor Control:** Sensing phase current to protect against overcurrent conditions.
* **Power Supplies:** Feedback loops in DC-DC converters for current-mode control.
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in high-capacity battery packs.
* **Test & Measurement:** Used as a reference shunt in laboratory equipment.
---
### 4. Implementation Example
In a typical current-sensing circuit, the W2RS-013-R2 would be placed in series with the load. The voltage drop ($V = I \times R$) is then amplified.
```c
// Pseudo-code for calculating current using W2RS-013-R2
float resistance = 0.013; // Example value 13mOhms
float vDrop = readAdcVoltage(PIN_A0);
float actualCurrent = vDrop / resistance;
if (actualCurrent > THRESHOLD) {
trigger_Protection();
}
```
- ⤷What is the exact resistance value for the 013-R2 variant?
- ⤷ What are the recommended soldering profiles for this specific package?
- ⤷ Can this part be used in automotive-grade AEC-Q200 applications?