W2RS-021-R
AI

The **W2RS-021-R** is an electronic component primarily classified as a **High-Current Rotary Switch**. These components are often utilized in industrial controls, power distribution panels, and heavy-duty appliances where high amperage switching is required.
Below is a detailed breakdown of its specifications and features.
---
### 1. General Specifications
The "W2RS" series is known for its robust mechanical design and high electrical ratings.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rotary Cam Switch / Changeover Switch |
| **Max Current Rating** | Typically 20A - 25A (depending on thermal rating) |
| **Voltage Rating** | Up to 600V AC |
| **Number of Poles** | 2 Poles |
| **Switching Positions** | 2 Positions (usually 0-1 or 1-2) |
| **Contact Material** | Silver Alloy (for high conductivity and oxidation resistance) |
| **Mounting Type** | Panel Mount / Screw Terminals |
---
### 2. Key Electronic Features
* **Cam-Operated Mechanism:** Unlike small electronics toggles, this switch uses internal cams to push contact blocks open or closed. This allows for high contact pressure and reliable switching of inductive loads.
* **Terminal Design:** It features heavy-duty screw terminals designed to accept thick gauge wiring (typically 12AWG to 10AWG) necessary for carrying high currents without overheating.
* **Insulation Resistance:** Designed with high-grade plastic polymers to ensure high dielectric strength between the terminals and the mounting panel.
* **Rotational Angle:** Usually operates on a 60° or 90° throw between positions to provide clear tactile feedback and prevent accidental switching.
---
### 3. Applications
Due to its high current handling, the W2RS-021-R is commonly found in:
1. **Motor Control:** Starting or reversing small AC motors.
2. **Power Selection:** Switching between "Main Power" and "Generator Power."
3. **Industrial Machinery:** Emergency bypass or mode selection (Manual/Auto).
4. **HVAC Systems:** High-power fan speed control.
---
### 4. Wiring Diagram Representation
The internal schematic usually follows a simple bridge or disconnect logic:
```text
Position 1 (Off/0):
(1) --| |-- (2) [Open]
(3) --| |-- (4) [Open]
Position 2 (On/1):
(1) ------- (2) [Closed]
(3) ------- (4) [Closed]
```
- ⤷
What is the exact NEMA or IP rating for this switch's front panel protection?
- ⤷ Can this switch be used for DC voltage applications
- ⤷ and if so
- ⤷ what is the derated current?
- ⤷ Does the 'R' suffix indicate a specific handle type or a return-to-center spring mechanism?