W2RS-021-R/Q
AI

The **W2RS-021-R/Q** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-frequency **Chip Inductor**, often used in automotive and industrial power management circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
While specific manufacturers (like Wurth Elektronik or TDK) may have slight variations, the "W2RS" series generally conforms to these parameters:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance Range** | Typically low-microhenry ($\mu H$) range |
| **Tolerance** | $\pm 20\%$ or $\pm 30\%$ |
| **Current Rating** | High DC Saturation Current ($I_{sat}$) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Magnetically shielded to reduce EMI |
---
### 2. Part Number Breakdown (Nomenclature)
The suffix often dictates the testing and packaging standards:
* **-R:** Usually denotes **Tape & Reel** packaging for automated pick-and-place assembly.
* **-Q:** Frequently indicates **Automotive Grade** qualification (AEC-Q200), meaning the part is tested for high vibration, thermal shock, and moisture resistance.
---
### 3. Construction and Materials
The device is built to handle significant power in a small footprint:
* **Core Material:** Ferrite or Metal Alloy powder. Metal alloy cores are preferred for "soft saturation" characteristics, preventing a sudden drop in inductance during current spikes.
* **Shielding:** The component is enclosed in a magnetic shield. This is critical for dense PCB layouts to prevent the inductor's magnetic field from interfering with neighboring sensitive traces.
* **Terminations:** Usually tin-plated copper for excellent solderability and resistance to "leaching" during the reflow process.
---
### 4. Typical Applications
The W2RS-021-R/Q is designed for high-efficiency power conversion:
1. **DC/DC Converters:** Acts as an energy storage element in Buck, Boost, or Buck-Boost regulators.
2. **Infotainment Systems:** Used in automotive dashboards where AEC-Q200 (-Q) certification is required.
3. **Noise Filtering:** Employed in power supply lines to filter out high-frequency switching noise.
4. **Battery Management Systems (BMS):** Efficiently manages power flow in portable or vehicular battery arrays.
---
### 5. Performance Advantages
* **Low DCR (DC Resistance):** Minimizes power loss as heat, increasing overall circuit efficiency.
* **Thermal Stability:** Maintains stable inductance values across a wide temperature range (typically -40°C to +125°C).
* **Compact Footprint:** High power density allows for smaller PCB designs.
- ⤷
What is the exact inductance value for the 021 variant of this series?
- ⤷ How does AEC-Q200 qualification affect the manufacturing process?
- ⤷ What are the recommended reflow soldering profiles for this SMD component?