W2RS-022-R
AI

The **W2RS-022-R** is a specific model within the **W2RS Series** of Dual-Power Automatic Transfer Switches (ATS), typically manufactured by companies like **Wenzhou Wincanton** or similar industrial relay producers. It is designed to automatically switch a load between a primary power source and a backup source (e.g., grid to generator or grid to inverter).
Below is the technical breakdown of its electronic parts and specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | W2RS-022-R |
| **Rated Current ($I_e$)** | 22A |
| **Number of Poles** | 2P (Single Phase: Live + Neutral) |
| **Rated Voltage ($U_e$)** | 220V - 230V AC |
| **Insulation Voltage ($U_i$)** | 690V |
| **Frequency** | 50Hz / 60Hz |
| **Transfer Time** | < 50ms (Millisecond level) |
| **Mounting** | 35mm DIN Rail |
---
### 2. Main Electronic & Mechanical Components
The device consists of several critical internal parts that facilitate the "automatic" logic and the "transfer" action:
#### A. The Control Circuit (Logic Board)
* **Voltage Monitoring Sensors:** These resistors and integrated circuits monitor the incoming voltage of the "Common" (Main) power source.
* **Switching Logic:** If the Main source voltage drops below a threshold (usually 70-80%), the logic triggers the internal motor or coil.
#### B. Driving Mechanism
* **Electromagnetic Coil / Motor:** Unlike manual switches, the W2RS-022-R uses a high-speed actuator to physically flip the internal bridge contacts.
* **Mechanical Interlock:** A vital safety component that prevents both the Main and Backup power sources from being connected simultaneously, which would cause a short circuit.
#### C. Contact System
* **Silver Alloy Contacts:** The internal switching points are typically coated in silver to provide high conductivity and resist "arcing" (sparks) during high-current transfers.
* **Arc Extinguishing Chamber:** Small chutes that dissipate the heat and sparks generated when breaking an electrical circuit under load.
---
### 3. Connection Terminal Layout
The unit typically features the following terminal groups:
1. **Input Terminals (Top):**
* **AR / AN:** Common Power (Main) Live and Neutral.
* **BR / BN:** Backup Power (Emergency) Live and Neutral.
2. **Output Terminals (Bottom):**
* **Load R / Load N:** Connection to the household or equipment circuits.
3. **Signal Terminals (Small ports):**
* Used for external indicator lights or to signal a generator to start/stop.
---
### 4. Operating Modes
The W2RS-022-R features a toggle switch on the front face:
* **Auto Mode:** The device monitors the "Common" power. If it fails, it switches to "Backup." When "Common" returns, it automatically switches back.
* **Manual Mode:** The automatic logic is bypassed. The user must rotate the handle manually to select the power source.
---
### 5. Wiring Example (Simplified)
```text
[Main Grid] ----> [AR / AN Terminals]
\
> [Internal Bridge] > [Load R/N]
/
[Generator] ----> [BR / BN Terminals]
```
---
- ⤷
What is the specific difference between the 'R' suffix and other variants in the W2RS series?
- ⤷ Does this ATS provide over-voltage or under-voltage protection
- ⤷ or just transfer logic?
- ⤷ Can the W2RS-022-R be used with a 3-phase power supply?