W2RS-031-R
AI

The **W2RS-031-R** is an electronic component primarily classified as a **Precision Wirewound Resistor**, specifically part of the W20 series (often manufactured by Welwyn/TT Electronics). These resistors are designed for power applications where high stability and reliability are required.
---
### 1. Key Technical Specifications
The following table outlines the core electronic characteristics of the W2RS-031-R:
| Feature | Specification |
| :--- | :--- |
| **Resistor Type** | Wirewound |
| **Resistance Value** | 0.031 Ohms ($\Omega$) |
| **Power Rating** | Approximately 3 Watts (at 25°C) |
| **Tolerance** | Typically $\pm$5% (Standard for R-series) |
| **Temperature Coefficient** | $\pm$75 to $\pm$100 ppm/°C |
| **Construction** | Ceramic core with resistive wire and vitreous enamel coating |
| **Mounting Type** | Through-hole (Axial leads) |
---
### 2. Functional Components
* **Resistive Element:** Uses a high-quality alloy wire wound around a high-purity ceramic substrate. The "031" signifies the low resistance value, making it suitable for current sensing.
* **Encapsulation:** Coated with a flameproof vitreous enamel or silicone. This protects the wire from moisture, oxidation, and mechanical stress.
* **Termination:** Features tin-plated copper leads for secure soldering on Printed Circuit Boards (PCBs).
---
### 3. Common Applications
Due to its low resistance and power handling capabilities, this part is typically used in the following scenarios:
1. **Current Sensing:** Measuring current by monitoring the voltage drop across the resistor ($V = I \times R$).
2. **Inrush Current Limiting:** Protecting sensitive circuits from sudden surges of electricity during startup.
3. **Voltage Dividers:** Used in power supply units where high-wattage stability is necessary.
4. **Feedback Loops:** Providing stable reference points in industrial control systems.
---
### 4. Advantages and Limitations
* **Pros:** High pulse handling capability, excellent thermal stability, and long-term reliability under load.
* **Cons:** Higher inductance compared to thin-film resistors (due to the wire coils), making it less suitable for high-frequency RF applications.
- ⤷
What is the maximum operating temperature for the W2RS series?
- ⤷ How does a wirewound resistor compare to a metal film resistor in power handling?
- ⤷ Can this resistor be used in high-frequency switching power supplies?