W2RS-03D-R
AI

The **W2RS-03D-R** is a specific model of a **Slim I/O Relay Terminal** (often associated with brands like Weidmüller or similar industrial interface manufacturers). These components are critical in automation for isolating control circuits from load circuits.
---
### 1. General Specifications
This device acts as an interface between a PLC (Programmable Logic Controller) and field actuators/sensors.
| Feature | Specification |
| :--- | :--- |
| **Model Number** | W2RS-03D-R |
| **Type** | Slim Relay Terminal / Interface Module |
| **Number of Points** | 3 Points (Channels) |
| **Relay Type** | Electromechanical (Replaceable) |
| **Input Voltage** | Typically 24V DC (Standard for "D" series) |
| **Contact Arrangement** | 1 Form C (SPDT) or 1 Form A (SPST) per channel |
---
### 2. Key Electronic Components & Design
#### A. The Relay Unit
The core of the device is the **Plug-in Relay**.
* **Isolation:** Provides galvanic isolation between the low-voltage logic (PLC) and the high-voltage/high-current load.
* **Switching Capacity:** Usually rated for 5A to 6A at 250V AC or 30V DC.
#### B. Protection Circuitry
Inside the terminal base, several protective electronic parts are integrated:
1. **Flyback Diode (Freewheeling Diode):** Connected across the relay coil to suppress voltage spikes (back EMF) when the coil is de-energized, protecting the PLC output.
2. **LED Indicator:** A green or red LED is wired in series/parallel with the input to provide visual status of the coil energization.
3. **Reverse Polarity Protection:** A diode prevents damage if the 24V DC input wires are connected backwards.
#### C. Connection Architecture
* **Input Side:** Uses a common terminal (COM) and individual signal inputs for each of the 3 relays.
* **Output Side:** Features screw or tension-clamp terminals for Normally Open (NO), Normally Closed (NC), and Common (COM) contacts.
---
### 3. Application Use Cases
* **Signal Amplification:** Using a small 24V DC / 10mA signal from a PLC to switch a 230V AC / 5A motor starter or solenoid valve.
* **Level Conversion:** Converting PNP/NPN signals to dry contact outputs.
* **Maintenance:** Because the relays are "plug-in," they can be replaced without disconnecting any field wiring.
---
### 4. Technical Wiring Diagram (Simplified)
```text
[ PLC Output ] ----> [ Coil + ] ---- (Inductive Suppression Diode)
|
[ PLC Common ] ----> [ Coil - ] ---- (LED Indicator)
[ External Load ] <--- [ NO Contact ]
[ Power Supply ] <--- [ COM Contact ]
```
---
- ⤷
What is the maximum switching frequency for the W2RS-03D-R relays?
- ⤷ Can this module be mounted on a standard DIN rail?
- ⤷ What are the advantages of using a 3-point module over individual relay bases?