Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-044-R/Q

  • AI
    The **W2RS-044-R/Q** is a specialized high-speed automotive-grade connector component, typically part of the **W2RS Series**. These parts are frequently used in High-Speed Data (HSD) applications and FAKRA-standard environments for vehicle infotainment and telematics. --- ## Technical Specifications The part is designed to maintain signal integrity in harsh environments. Below are the typical electronic and mechanical characteristics for this series: | Property | Description | | :--- | :--- | | **Component Type** | HSD (High-Speed Data) Connector / Header | | **Pin Count** | 4-Pin (Quad) | | **Impedance** | 100 $\Omega$ (Differential) | | **Frequency Range** | DC to 6 GHz | | **Data Rate** | Up to 6 Gbps (Depending on protocol) | | **Voltage Rating** | 100V DC | | **Coding** | Type R/Q (Indicates specific mechanical keying/color) | --- ## Key Features ### 1. Mechanical Keying (R/Q Coding) In automotive electronics, "Coding" refers to the physical shape of the plastic housing. * **Purpose:** Prevents accidental plugging into the wrong port (mismatching). * **Color Coding:** Each letter (A, B, C, R, Q, etc.) usually corresponds to a specific color (e.g., Turquoise, Water Blue, or Violet) to help assembly line workers identify the correct connection. ### 2. High-Speed Shielding The connector features a robust metal outer shield to minimize **Electromagnetic Interference (EMI)** and **Crosstalk**, which is critical for LVDS (Low-Voltage Differential Signaling) or USB signals within a car. ### 3. Automotive Standards * **AEC-Q100/200:** Built to withstand extreme temperatures and vibrations. * **Standardization:** Often compatible with Rosenberger HSD or similar high-speed data interfaces used by OEMs like BMW, Volkswagen, and Ford. --- ## Common Applications * **Infotainment Systems:** Connecting the head unit to high-resolution displays. * **ADAS (Advanced Driver Assistance Systems):** High-speed data transmission from cameras and LIDAR sensors. * **Telematics:** Integration with GPS, cellular, and Wi-Fi modules. * **USB/Device Ports:** High-speed consumer device interfacing. --- ## Typical Pinout Configuration For a standard 4-pin HSD header like the W2RS-044, the pinout usually follows a differential pair logic: ```markdown Pin 1: Signal + (Pair 1) Pin 2: Signal - (Pair 1) Pin 3: Signal + (Pair 2) Pin 4: Signal - (Pair 2) Outer Shield: Ground / EMI Protection ```
    ✨ Follow-up Questions
    • ⤷ What are the specific color codes for the R and Q mechanical keying versions?
    • ⤷ How does the W2RS series compare to standard FAKRA connectors in terms of data bandwidth?
    • ⤷ Are there specific PCB footprint requirements for mounting this header?