W2RS-04D-R
AI

The **W2RS-04D-R** is a specific model of a **Slim I/O Relay Terminal** (often manufactured by companies like OMRON or WAGO) designed for industrial automation to interface between a PLC (Programmable Logic Controller) and field devices.
Below is the breakdown of its electronic parts and technical specifications.
---
## 1. Core Component Breakdown
| Component | Description | Function |
| :--- | :--- | :--- |
| **Relay Units** | 4 Miniature Relays | Provides physical isolation and switching for 4 individual channels. |
| **LED Indicators** | Status LEDs (Green/Red) | Visual feedback to indicate when a specific channel is energized. |
| **Surge Suppression** | Diodes / Varistors | Protects internal circuits from Back-EMF (voltage spikes) when the coil is de-energized. |
| **Terminal Blocks** | Screw or Push-in Terminals | Secure connection points for input signals and output loads. |
| **PCB (Printed Circuit Board)** | Industrial Grade FR4 | Multi-layer board routing the control signals to the power contacts. |
---
## 2. Technical Specifications
The "04D-R" suffix typically denotes the number of channels and the relay type.
### Input Side (Control)
* **Rated Voltage:** Usually 24V DC (Common for industrial PLCs).
* **Power Consumption:** Low wattage (approx. 200mW per relay) to ensure compatibility with PLC transistor outputs.
* **Connection Type:** Common (+ or -) can often be toggled via wiring.
### Output Side (Load)
* **Contact Configuration:** SPDT (1c) or SPST (1a) per channel.
* **Switching Capacity:** Typically 5A at 250V AC or 30V DC.
* **Mechanical Life:** ~10,000,000 operations.
* **Electrical Life:** ~100,000 operations (at rated load).
---
## 3. Key Electronic Features
### Isolation
The W2RS series utilizes **Galvanic Isolation**. There is no electrical connection between the sensitive PLC electronics and the high-power field devices (motors, valves, heaters), protecting the controller from noise and surges.
### Modular Design
The relays are usually **pluggable**. If a single electronic relay fails due to contact wear, it can be replaced individually without rewiring the entire terminal block, reducing maintenance downtime.
### Integrated Protection
Most models include a **Reverse Polarity Protection Diode**. This prevents damage to the unit if the 24V DC input wires are accidentally swapped.
---
## 4. Wiring Diagram Concept
```text
[PLC Output] ----> [Input Terminal] ----> [Coil / LED / Diode] ----> [GND/COM]
|
(Physical Air Gap)
|
[Load Power] ----> [Common Terminal] ----> [NO/NC Contact] ----> [Device]
```
- ⤷
What is the maximum switching frequency for the W2RS-04D-R?
- ⤷ Can the relays in this unit be replaced with Solid State Relays (SSRs)?
- ⤷ How do I wire this for NPN vs PNP logic?