W2RS-0C4-R
AI

The **W2RS-0C4-R** is a specific terminal block relay module typically used in industrial automation and control systems. It is often manufactured by brands like **WIDAP** or **WAGO** (depending on the specific series prefix) and is designed to interface PLC (Programmable Logic Controller) outputs with high-load field devices.
### 1. General Specifications
This device acts as an intermediary, providing electrical isolation and switching capabilities.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Relay Interface Module |
| **Channel Count** | 4 Channels (indicated by "0C4") |
| **Contact Type** | 1C (SPDT - Single Pole Double Throw) per channel |
| **Mounting** | DIN Rail (35mm) |
| **Common Use** | Signal amplification and isolation |
---
### 2. Internal Electronic Parts & Structure
The module is composed of several key electronic elements integrated into a single housing:
#### A. Relay Units
The core components are the individual electromechanical relays. These allow a low-power control signal (from a PLC) to switch a much higher current/voltage load.
#### B. Flyback Diodes (Protection)
Since relay coils are inductive loads, they generate a high-voltage spike when power is disconnected.
* **Function:** Diodes are placed in parallel with the coils to dissipate this energy and protect the driving electronics (like PLC transistors) from damage.
#### C. LED Status Indicators
* **Visual Feedback:** Usually, each channel has a Surface Mount (SMD) LED.
* **Operation:** When the coil is energized, the LED lights up, allowing technicians to verify if a signal is being received at the module.
#### D. Terminal Connection System
* **Input Side:** Low voltage (typically 24V DC) connection points.
* **Output Side:** High-capacity terminals for the load.
* **Construction:** Uses screw-type or cage-clamp terminals for vibration-resistant wiring.
---
### 3. Wiring Configuration
The "0C4" designation indicates a 4-point configuration. Below is a simplified representation of the wiring logic:
```mermaid
graph LR
A[PLC Output] --> B[Coil + / -]
B --> C{Relay Coil}
C --> D[Mechanical Switch]
D --> E[Common COM]
D --> F[Normally Open NO]
D --> G[Normally Closed NC]
```
### 4. Technical Advantages
* **Space Saving:** Consolidates 4 separate relays into a single slim DIN-rail housing.
* **Replaceability:** Many versions allow for the individual relay cubes to be "plugged in," so if one fails, you don't have to replace the entire module.
* **Safety:** Provides galvanic isolation, ensuring that a short circuit in a motor or valve doesn't travel back to the expensive controller.
---
- ⤷
What is the maximum switching current for each channel on the W2RS-0C4-R?
- ⤷ How do I troubleshoot a channel if the LED is on but the load is not switching?
- ⤷ Can this module be used with AC control signals or is it DC only?