W2RS-0C4-R2
AI

The **W2RS-0C4-R2** is a specific industrial interface module, typically categorized as a **Relay Terminal Block** or **Relay Board**. These components are widely used in industrial automation to bridge the gap between low-power control signals (like those from a PLC) and high-power field devices.
---
### Technical Specifications
The part number generally follows a standard naming convention for industrial relay modules. Below is a breakdown of its core electronic characteristics:
| Component | Description |
| :--- | :--- |
| **Module Type** | Relay Terminal Module (4-Point) |
| **Channels** | 4 Independent Relay Channels |
| **Contact Configuration** | 1c (SPDT - Single Pole Double Throw) per channel |
| **Input Voltage** | Typically 24V DC (Control side) |
| **Rated Load** | Usually 5A to 10A at 250VAC / 30VDC |
| **Mounting Type** | DIN Rail (Standard 35mm) |
| **Indications** | LED status indicators for each channel |
---
### Key Features and Functionality
#### 1. Signal Isolation
The primary electronic function is **Galvanic Isolation**. It protects the sensitive electronics of a Controller (PLC/MCU) from high-voltage spikes, electrical noise, or short circuits occurring at the load side.
#### 2. Switching Logic
Each of the 4 channels acts as an electrically operated switch.
* **Coil Side:** Receives a 24V signal.
* **Contact Side:** Can switch AC or DC loads (Motors, Solenoids, Lamps).
#### 3. Protection Circuits
The internal PCB usually includes:
* **Flyback Diodes:** To suppress inductive kicks (voltage spikes) when the relay coil is de-energized.
* **Varistors:** Optional components to protect contacts from arcing.
---
### Wiring and Interface
The module is designed for ease of maintenance in a control cabinet:
* **Input (Common):** Usually a multi-pin connector or a terminal block for 24VDC signals.
* **Output (Load):** Screw terminals for NC (Normally Closed), NO (Normally Open), and COM (Common) connections.
---
### Typical Application Diagram
```mermaid
graph LR
A[PLC Output 24VDC] --> B[W2RS-0C4-R2 Input]
B --> C{Relay Coil}
C --> D[High Voltage Load / Motor]
subgraph Isolation Barrier
C
end
```
- ⤷
What is the specific coil resistance for the W2RS-0C4-R2?
- ⤷ Can this module be used with AC input control signals?
- ⤷ What is the mechanical life expectancy of the integrated relays?