W2RS-13D-R2
AI

The **W2RS-13D-R2** is a specific part number typically associated with an **Industrial Interface Relay Terminal Module**, often manufactured by companies like **DECA** or used in automation systems (such as those compatible with Mitsubishi or Omron PLCs).
Below is the technical breakdown of its electronic components and specifications.
---
### 1. General Specifications
The W2RS-13D-R2 is a relay board designed to bridge high-current/voltage loads with low-power control signals (PLCs).
| Feature | Specification |
| :--- | :--- |
| **Number of Channels** | 1 (Single Relay) |
| **Input Signal (Coil)** | DC 24V (Commonly) |
| **Mounting Type** | DIN Rail Mounting (35mm) |
| **Contact Arrangement** | 1c (SPDT - Single Pole Double Throw) |
| **Terminal Type** | Screw Terminal Block |
| **LED Indicator** | Status LED for Operation |
---
### 2. Key Electronic Components
#### A. The Electromagnetic Relay
The core component is a miniature power relay. When the control circuit (PLC output) sends power to the coil, it creates a magnetic field that moves the internal contacts to open or close the load circuit.
#### B. Protection Circuitry (Flyback Diode)
Inside the module, there is a **freewheeling (flyback) diode** connected in parallel with the relay coil.
* **Function:** It prevents high-voltage spikes (back EMF) from damaging the PLC or sensitive transistors when the relay coil is de-energized.
#### C. Status LED
A small LED (usually green or red) is integrated into the PCB.
* **Function:** Provides immediate visual feedback that the relay is active (coil energized).
#### D. Terminal Blocks
High-quality screw terminals designed to handle physical vibrations and ensure secure electrical connections for both signal and power wires.
---
### 3. Wiring Configuration
The "R2" suffix often denotes a specific wiring configuration or a design revision involving the common terminal logic.
| Terminal Label | Description |
| :--- | :--- |
| **+ / -** | Control input (from PLC or Controller) |
| **COM** | Common Terminal for the load circuit |
| **NO** | Normally Open (Closes when energized) |
| **NC** | Normally Closed (Opens when energized) |
---
### 4. Application Use Cases
* **Isolation:** Protecting expensive PLCs from high-voltage surges on the field side.
* **Current Boosting:** Using a 10mA PLC signal to switch a 5A or 10A motor/solenoid.
* **Logic Conversion:** Converting a PNP signal to an NPN-style dry contact output.
- ⤷
What is the maximum contact current rating for the W2RS-13D-R2?
- ⤷ Can this module be used with AC input signals instead of DC?
- ⤷ What is the difference between the R2 and R1 versions of this relay board?