W2RS-141-R2
AI

The **W2RS-141-R2** is a specific part number typically associated with high-performance **Cooling Fans**, specifically AC axial fans used in industrial or server environments. It is often manufactured by brands like **Nidec** (formerly Nidec Servo).
Below is a breakdown of its electronic and mechanical specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC Axial Cooling Fan |
| **Input Voltage** | 100V - 115V AC |
| **Frequency** | 50 / 60 Hz |
| **Power Consumption** | Approx. 14W - 16W |
| **Airflow Capacity** | ~90 - 110 CFM (Cubic Feet per Minute) |
| **Bearing Type** | Dual Ball Bearing (for longevity) |
| **Frame Material** | Die-cast Aluminum |
| **Impeller Material** | Plastic (UL 94V-0 Rated) |
---
### 2. Internal Electronic Design
The "Electronic Parts" of this fan are integrated into its motor hub:
* **Shaded Pole or Capacitor-Run Motor:** Unlike DC fans that use a PCB with a controller chip, this AC fan typically uses a shaded-pole induction motor or a permanent split capacitor motor. This makes it robust against electromagnetic interference (EMI).
* **Impedance Protection:** The "R" in the suffix often indicates that the motor is **Impedance Protected**. This means if the fan blades are obstructed (locked rotor), the internal resistance of the windings prevents the temperature from rising to a point that would cause a fire.
* **Thermal Cutoff (Optional):** Some variations include a thermal fuse that permanently breaks the circuit if the internal coil temperature exceeds a safe limit (usually 120°C+).
---
### 3. Physical & Wiring Configuration
* **Dimensions:** Usually **120mm x 120mm x 38mm**. This is the standard "Square" industrial size.
* **Termination:**
* **Lead Wire Version:** Two wires (Line and Neutral).
* **Terminal Version:** Two flat spade terminals for quick-connect plugs.
* **Rotation:** Typically counter-clockwise when looking at the rotor face.
---
### 4. Common Applications
Because of its AC power input and rugged aluminum frame, it is commonly found in:
1. **Server Racks:** Exhausting heat from high-density computing units.
2. **Power Supplies:** Cooling large industrial UPS systems.
3. **Control Cabinets:** Preventing overheating in CNC or PLC enclosures.
---
- ⤷
What are the wiring differences between the W2RS-141-R2 and DC versions of the same size?
- ⤷ Does this model support PWM speed control?
- ⤷ What is the expected lifespan (L10 life) of this specific ball-bearing fan?