Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-144-R

  • AI
    The **W2RS-144-R** is a specific model within a series of high-density, multi-pin electrical connectors, typically associated with automotive or heavy-duty industrial wiring harnesses. These are often used for Engine Control Units (ECUs) or complex body control systems. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Series** | W2RS (Waterproof/Resistant Series) | | **Pin Count** | 144 Pins | | **Termination Type** | Crimp / Wire-to-Board | | **Housing Material** | High-temperature Thermoplastic (PBT/PPO) | | **Contact Plating** | Usually Gold or Tin-plated Copper Alloy | | **Seal Type** | Radial Seal / Individual Wire Seals | | **Color Coding** | Often Black or Gray (R often denotes a specific keying) | --- ### Key Components & Electronic Design #### 1. High-Density Pin Layout With **144 positions**, this connector is designed to handle a massive amount of I/O (Input/Output) in a compact footprint. It is typically divided into sub-blocks to prevent misalignment during mating. #### 2. Environmental Sealing The "W" in the prefix usually denotes **Waterproof**. * **Grommets:** The rear of the connector uses a silicon grommet to seal individual wires. * **Interfacial Seal:** A rubber gasket prevents moisture from entering the mating face between the male and female headers. #### 3. Lever-Lock Mechanism Due to the high insertion force required to connect 144 pins simultaneously, these connectors almost always feature a **mechanical slide or lever-lock system**. This provides mechanical advantage to ensure the connector is fully seated and locked. #### 4. Terminal Secondary Lock (TSL) To ensure that the electronic terminals do not push out during assembly, a plastic "retainer" or secondary lock is pushed into the housing after the wires are inserted. --- ### Common Applications * **Automotive ECUs:** Managing fuel injection, ignition, and sensor data. * **Transmission Control Modules (TCM):** High pin counts are needed for solenoids and sensors. * **Industrial Automation:** Heavy machinery control interfaces where vibration resistance is critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard pitch size for the pins in the W2RS-144-R?
    • ⤷ Which crimp tool is recommended for the terminals used in this connector?
    • ⤷ Is there a specific mounting bracket required for the W2RS series?