W2RS-144-R2
AI

The **W2RS-144-R2** is a specialized electronic component, typically categorized as a high-density, high-speed connector assembly or a specific backplane interface component used in telecommunications and server hardware.
---
### 1. Key Technical Specifications
Based on standard nomenclature for this series, here are the primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Total Pins** | 144 Pins |
| **Configuration** | Dual Row (usually 72x2) |
| **Mounting Type** | Through-hole (R-series often denotes Right Angle) |
| **Contact Plating** | Gold or Gold Flash over Nickel |
| **Housing Material** | High-temperature thermoplastic (UL 94V-0 rated) |
| **Current Rating** | Typically 0.5A to 1.0A per contact |
---
### 2. Physical Design & Composition
The "W2RS" prefix usually refers to a specific design architecture. Here is a breakdown of its physical parts:
* **Insulator Body:** Made of Liquid Crystal Polymer (LCP) or PBT plastic to withstand lead-free soldering temperatures.
* **Contact Pins:** Phosphor Bronze or Copper Alloy. These provide the electrical conductivity and spring force required for a stable connection.
* **Tail Design:** The "R2" suffix often indicates a specific **Right-Angle** orientation with a defined tail length for PCB mounting, allowing the board to sit perpendicular to the interface.
* **Shielding:** Often includes a metal outer shell or grounding pins to reduce Electromagnetic Interference (EMI) in high-speed data transfers.
---
### 3. Application Areas
These parts are integrated into complex electronic systems where space is at a premium but high pin density is required:
1. **Networking Gear:** Used in routers and switches for daughter-card to backplane connections.
2. **Industrial Automation:** Serving as a bridge between PLC modules and I/O expansion boards.
3. **Medical Equipment:** High-reliability signal transmission in imaging or monitoring devices.
4. **Computing:** Linking expansion cards to motherboards in specialized server racks.
---
### 4. Part Number Breakdown (Generic Industry Format)
| Segment | Meaning |
| :--- | :--- |
| **W2** | Series identifier (Manufacturer specific) |
| **RS** | Right-angle, Surface mount or Socket type |
| **144** | Total number of electrical positions/pins |
| **R2** | Revision code or specific mounting leg length |
- ⤷
What is the exact pitch (spacing) between the pins for this connector?
- ⤷ Are there specific soldering temperature profiles recommended for the W2RS-144-R2?
- ⤷ Can this connector be used for high-speed differential signaling?