Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-342-R

  • AI
    The **W2RS-342-R** is an industrial-grade **Remote I/O Module** (specifically a Digital Input/Output unit) manufactured by **M-System**. It is designed to bridge field signals with high-level control systems using the **Modbus/TCP** protocol. --- ### 1. Key Technical Specifications The unit serves as an interface between physical sensors/actuators and a network. | Feature | Specification | |:---|:---| | **Communication Protocol** | Modbus/TCP | | **I/O Points** | 16 Discrete Inputs & 16 Discrete Outputs | | **Output Type** | Relay Contact (Normally Open) | | **Network Interface** | Ethernet (RJ-45) | | **Isolation** | 1500V AC (I/O to Network to Power) | | **Mounting** | DIN Rail Mounting | --- ### 2. Electronic Components & Functionality #### A. Digital Inputs The "342" configuration typically handles **dry contact** or **NPN/PNP** inputs. * **Optoisolators:** The input channels use optical isolation to protect the internal logic from high-voltage surges or electrical noise originating in the field. * **Status Indicators:** LED lights on the front panel indicate the ON/OFF status of each input. #### B. Relay Outputs (The "R" Suffix) The "R" in the part number denotes **Relay Outputs**. * **Mechanical Relays:** Unlike transistor outputs, these use physical contacts. This allows them to switch both AC and DC loads and provides a higher current capacity. * **Switching Capacity:** Usually rated for 250V AC @ 2A or 30/125V DC @ 2A (check specific datasheet for peak ratings). * **Protection:** Integrated snubbers or transient suppressors are often included to protect the relay contacts from arcing. #### C. Microcontroller & Communication * **Ethernet Controller:** Manages the TCP/IP stack and handles Modbus register mapping. * **Non-Volatile Memory:** Stores configuration data (like IP addresses and station numbers) so settings are retained after a power cycle. --- ### 3. Wiring and Pinout Overview The module uses pluggable tension-clamp or screw terminals for easy maintenance. 1. **Power Supply:** Usually requires 24V DC. 2. **Network:** Standard Cat5e/Cat6 cable to a PLC, HMI, or PC. 3. **I/O Terminals:** * **Common (COM):** Shared return path for inputs or outputs. * **Channels (0–15):** Individual signal lines for sensors and actuators. --- ### 4. Typical Applications * **Factory Automation:** Connecting limit switches and solenoids to a central PLC over Ethernet. * **Building Management:** Controlling lighting or HVAC dampers via a SCADA system. * **Remote Monitoring:** Collecting status data from equipment located far from the main control cabinet.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the relay outputs on this module?
    • ⤷ How do I configure the IP address for the W2RS-342-R?
    • ⤷ Does this model support Power over Ethernet (PoE) or require an external power supply?