W2RS-3AB-R2
AI

The **W2RS-3AB-R2** is a high-performance **RS-232/RS-485/RS-422 to Fiber Optic Modem** designed for industrial data communication. It acts as a bridge, converting electrical serial signals into optical signals for long-distance, interference-free transmission.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Serial Interfaces** | RS-232, RS-422, RS-485 (2-wire/4-wire) |
| **Fiber Type** | Single-mode or Multi-mode (typically Single-mode for "R2") |
| **Transmission Distance** | Up to 20km (standard) or 40-60km (optional) |
| **Wavelength** | 1310nm / 1550nm |
| **Baud Rate** | 300 bps to 115.2 kbps (Auto-sensing) |
| **Connector Type** | SC or ST Fiber Connectors; Terminal Block for Serial |
| **Power Input** | 9-36V DC (Industrial Grade) |
---
### 2. Internal Electronic Architecture
The device consists of several critical subsystems that manage signal integrity and conversion:
#### A. Interface Transceivers
* **RS-232 Level Shifters:** Converts standard RS-232 levels (+/- 12V) to TTL logic.
* **RS-485/422 Differential Drivers:** Uses high-speed differential transceivers to ensure noise immunity on the electrical side.
#### B. The Optical Engine
* **Laser Diode (TX):** Converts the electrical TTL signal into light pulses.
* **Photo Detector (RX):** Receives incoming light pulses and converts them back into electrical current.
* **WDM (Wave Division Multiplexing):** Often used in the "R2" variant to allow bi-directional communication over a single fiber strand.
#### C. Control & Isolation
* **Auto-Direction Control:** A logic circuit that senses data flow on the RS-485 line to automatically switch between transmit and receive modes without hardware flow control.
* **Galvanic Isolation:** High-speed optocouplers or magnetic isolators protect the internal circuitry from ground loops and surges (typically up to 2kV).
---
### 3. Connection Pinout (Serial Side)
The serial connection is usually handled via a 5 or 10-pin screw terminal block:
```text
Pin | Label | Function
----|-------|--------------------------
1 | T+ | RS-422 Transmit + / RS-485 +
2 | T- | RS-422 Transmit - / RS-485 -
3 | R+ | RS-422 Receive +
4 | R- | RS-422 Receive -
5 | GND | Signal Ground
```
---
### 4. Application Scenarios
1. **Industrial Automation:** Connecting PLCs to remote sensors across a factory floor where EMI (Electromagnetic Interference) is high.
2. **Power Utilities:** Communicating with substations where high voltage makes copper wiring dangerous or unreliable.
3. **Surveillance:** Extending RS-485 PTZ (Pan-Tilt-Zoom) camera controls over several kilometers.
- ⤷
What is the difference between single-mode and multi-mode versions of this modem?
- ⤷ How do I configure the DIP switches for RS-485 2-wire mode?
- ⤷ What is the maximum surge protection rating for the serial ports?