Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-3BB-R

  • AI
    The **W2RS-3BB-R** is a specific electronic component, typically categorized as a **Terminal Block** or **Interface Module**, often used in industrial automation for signal distribution and wiring management. --- ## 1. Component Overview The W2RS series is designed to facilitate the connection between PLC (Programmable Logic Controller) I/O modules and external field devices. It acts as a bridge, organizing complex wiring into a clean, rail-mounted interface. ### Key Specifications | Feature | Details | | :--- | :--- | | **Model** | W2RS-3BB-R | | **Terminal Type** | Screw Terminal (Rising Clamp) | | **Mounting Type** | DIN Rail (typically 35mm) | | **Circuit configuration** | Common Line (Bus) configuration | | **Pitch** | Usually 5.0mm or 7.0mm (standard industrial) | --- ## 2. Technical Breakdown ### A. Terminal Design The "W2RS" indicates a specific series of terminal blocks. These are designed for high-density wiring. The **3BB** suffix usually refers to the internal bus architecture: * **Commoning:** It allows multiple points to be shorted together (commoned), which is ideal for power distribution (24VDC or 0V) across multiple sensors or actuators. * **Material:** Terminals are usually made of tin-plated copper alloy for high conductivity and oxidation resistance. ### B. Electrical Characteristics * **Voltage Rating:** Typically rated up to **250V AC/DC**. * **Current Rating:** Standard pins are usually rated for **7A to 10A**, depending on the specific wire gauge used. * **Wire Range:** Supports AWG 22-14 (0.5mm² to 2.5mm²). ### C. Mechanical Features * **DIN Rail Mounting:** Features a snap-on foot for standard industrial rails. * **Compact Housing:** Made from Polyamide (PA66) or similar flame-retardant plastic. * **R Suffix:** Often indicates a specific orientation or a "Right-hand" configuration in a modular setup, or sometimes implies RoHS compliance depending on the manufacturer (like Samwon ACT or Dinkle). --- ## 3. Typical Applications 1. **PLC I/O Expansion:** Distributing power from a single PLC output to multiple field relays. 2. **Control Panels:** Consolidating ground or power lines to reduce "nesting" of wires. 3. **Sensor Distribution:** Providing a central hub for 3-wire sensors (Power, Ground, Signal). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for each terminal on the W2RS-3BB-R?
    • ⤷ Which PLC brands are most compatible with this interface module?
    • ⤷ Does the 'R' suffix indicate a specific RoHS certification or a physical orientation?