W2RS-3C2-R2
AI

The **W2RS-3C2-R2** is a specific model of a **Slim-style Interface Relay Terminal** manufactured by **Wago** (or part of the Wago/Dinkle series used in industrial automation). These devices are used to bridge the gap between low-power control signals (like those from a PLC) and high-power loads.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics typically associated with the W2RS-3C2-R2:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage (Coil)** | 24V DC (Standard for R2 suffix) |
| **Contact Form** | 1 Changeover (SPDT) |
| **Max Switching Current** | 6A |
| **Number of Channels** | 16 Channels (Typical for this series module) |
| **Wiring Connection** | Push-in / Screw Terminal |
| **Indication** | LED Status Display |
| **Mounting Type** | DIN Rail (35mm) |
---
### 2. Core Electronic Components
The unit consists of several critical electronic sub-parts:
#### A. Electromagnetic Relays
The heart of the module. These are usually slim-line mechanical relays that provide **galvanic isolation** between the control circuit and the load circuit.
#### B. Flyback/Freewheeling Diodes
Integrated across the relay coils to protect the driving PLC or controller from high-voltage spikes (back EMF) generated when the relay coil is de-energized.
#### C. LED Status Indicators
Green or Red LEDs placed on the input side to provide visual confirmation that a specific channel is receiving a trigger signal.
#### D. Protection Circuitry
Often includes surge protection to ensure that electromagnetic interference (EMI) does not disrupt the sensitive electronic logic upstream.
---
### 3. Connection Layout
The module is designed for efficiency in control cabinets:
* **Input Side:** Connects to the PLC (Programmable Logic Controller) via a multi-pin connector (often IDC or MIL-style) to save wiring time.
* **Output Side:** Features robust terminals for field wiring (motors, solenoids, or heaters).
---
### 4. Circuit Example (Internal Logic)
The internal electronic flow for one channel generally follows this logic:
```mermaid
graph LR
A[PLC 24V DC Signal] --> B[Protection Diode]
B --> C[LED Indicator]
C --> D[Relay Coil]
D --> E[Mechanical Contacts]
E --> F[High Power Load 230V/6A]
```
- ⤷
What is the specific pinout for the input connector on the W2RS-3C2-R2?
- ⤷ Can the 6A contacts handle inductive loads like large motors?
- ⤷ Is there a compatible 120V AC input version of this relay module?