Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-3C2-R2/Q

  • AI
    The **W2RS-3C2-R2/Q** belongs to the **W2RS series** of slim-type terminal relays, typically manufactured by companies like **Wago** or **Weidmüller** (or similar industrial automation suppliers). These devices are designed to interface between control circuits (PLCs) and load circuits. --- ### 1. Part Number Breakdown While specific prefixes vary by manufacturer, the nomenclature generally follows this industrial logic: | Segment | Meaning | Description | | :--- | :--- | :--- | | **W2RS** | Series Name | Slim-type pluggable relay terminal series. | | **3C2** | Contact Configuration | Likely indicates a **3-pole (3PDT)** or specific contact material (C2 often denotes AgNi or Gold-plated). | | **R2** | Rated Voltage | Usually signifies **24V DC** control voltage. | | **Q** | Quality/Special Mark | Often indicates a specific certification, quick-connect feature, or bulk packaging. | --- ### 2. Key Electronic Components & Features The device is more than just a relay; it is an integrated module consisting of the following electronic parts: #### A. The Miniature Relay (The Core) * **Electromagnetic Coil:** Converts electrical energy into a magnetic field to move the contacts. * **Contacts:** Switching elements. Typically rated for **6A to 10A** at 250V AC. * **Mechanical Life:** Usually rated for 10 million cycles. #### B. Protection Circuitry * **Freewheeling Diode (Flyback Diode):** Placed across the coil to protect the PLC output from inductive voltage spikes when the relay is turned off. * **Polarity Protection:** Ensures the module is not damaged if the DC input wires are swapped. #### C. Visual Indicators * **Status LED:** A green or red LED integrated into the housing to show when the coil is energized. --- ### 3. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Input (Control) Voltage** | 24V DC (±10%) | | **Switching Current** | 6A per channel | | **Contact Type** | Changeover (SPDT/3PDT) | | **Mounting Type** | DIN Rail (TS-35) | | **Wiring Method** | Screw or Push-in terminals | | **Response Time** | < 10ms | --- ### 4. Application Context In an industrial control panel, the **W2RS-3C2-R2/Q** acts as a buffer. It allows a low-power signal from a PLC (Programmable Logic Controller) to switch high-power loads like motors, solenoid valves, or heaters while providing electrical isolation between the two circuits.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum switching voltage for this specific relay?
    • ⤷ How do I replace the pluggable relay unit without disconnecting the wiring?
    • ⤷ Does this model support AC control voltages or only DC?