Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-4C2-R

  • AI
    The **W2RS-4C2-R** is a specific model of a **Relay Terminal Board** (also known as a Relay Module), typically manufactured by companies like **Wago** or **Anywire**, and widely used in industrial automation for PLC (Programmable Logic Controller) interfacing. --- ## 1. Technical Specifications The part number breaks down into specific electronic characteristics: | Feature | Specification | | :--- | :--- | | **Relay Channels** | 4 Channels (Individual relays) | | **Contact Composition** | 1C (SPDT - Single Pole Double Throw) per channel | | **Rated Voltage** | Typically 24V DC (Input/Coil side) | | **Rated Current** | Usually 5A to 10A (Output/Load side) | | **Mounting Type** | DIN Rail (35mm) | | **Terminal Type** | Screw or Push-in terminals | --- ## 2. Key Electronic Components ### A. Electromagnetic Relays The heart of the unit consists of four miniature power relays. These act as the bridge between low-power control signals (from a PLC) and high-power actuators (motors, valves, or heaters). ### B. Protection Circuitry * **Flyback Diodes (Freewheeling Diodes):** Connected across the relay coils to protect the driving transistors from high-voltage spikes (back EMF) when the relay is de-energized. * **Varistors (Optional):** Some variants include MOV (Metal Oxide Varistors) to suppress surges on the output side. ### C. Visual Indicators * **LED Status Lamps:** Each channel has a dedicated LED (usually green or red) to indicate when the coil is energized, allowing for quick visual troubleshooting. --- ## 3. Connection and Wiring The board serves as a distribution point to simplify wiring: 1. **Input Side:** Receives 24V DC signals from a PLC output card. 2. **Output Side:** The "Common," "Normally Open (NO)," and "Normally Closed (NC)" terminals allow for flexible logic implementation. 3. **Common Jumpering:** Many models allow for commoning the power supply using jumper combs to reduce the number of wires. --- ## 4. Applications * **Isolation:** Protecting sensitive PLC electronics from high-voltage noise. * **Voltage Conversion:** Controlling a 230V AC load with a 24V DC control signal. * **Current Amplification:** Driving loads that require more current than a standard PLC output can provide.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2RS-4C2-R relays?
    • ⤷ Can this module be used with AC input signals instead of 24V DC?
    • ⤷ What are the advantages of 1C (SPDT) contacts over 1A (SPST) contacts in this module?