Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-4D1-R2

  • AI
    The **W2RS-4D1-R2** is a specific industrial interface module, typically categorized as a **Relay Terminal Block** or **Relay Board**. It is commonly used in automation systems to interface between low-power control signals (like those from a PLC) and high-power field devices. Below is a breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Number** | W2RS-4D1-R2 | | **Channels** | 4-Channel (controls 4 independent loads) | | **Input Voltage** | Typically 24V DC (Common for industrial PLCs) | | **Switching Element** | Electromagnetic Relay | | **Contact Rating** | Usually 5A to 10A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail Mount | | **Connection Type** | Screw Terminals | --- ### 2. Electronic Component Breakdown The module consists of several critical electronic stages to ensure safety and functionality: #### A. The Relay (Electromechanical Switch) The heart of the module is the **Relay**. It provides galvanic isolation between the control circuit (input) and the load circuit (output). This protects the PLC from voltage spikes or short circuits occurring at the motor or valve end. #### B. Protection Circuitry (Flyback Diodes) Each channel typically includes a **Freewheeling (Flyback) Diode** connected across the relay coil. * **Purpose:** When the coil is de-energized, it creates a high-voltage spike. The diode dissipates this energy, protecting the driving transistor in the PLC or controller. #### C. LED Status Indicators There are individual LEDs for each of the 4 channels. * **Visual Feedback:** These light up when the input signal is active, allowing technicians to quickly diagnose if a signal is reaching the board. #### D. Input Logic (NPN/PNP Compatibility) Most "W2RS" series boards are designed to be flexible. They often feature a jumper or specific wiring layout that allows them to accept: * **NPN (Sinking):** Negative trigger. * **PNP (Sourcing):** Positive trigger. --- ### 3. Connection Layout | Section | Description | | :--- | :--- | | **Input Terminals** | Connected to PLC Output cards (0V/24V signals). | | **Output Terminals** | **COM** (Common), **NO** (Normally Open), and **NC** (Normally Closed) contacts for the field device. | | **Power Supply** | Shared power rails to simplify wiring of multiple relays. | --- ### 4. Typical Applications * **Signal Amplification:** Using a 24V/10mA PLC signal to switch a 230V/5A motor. * **Isolation:** Keeping electrical noise from high-powered AC motors away from sensitive digital electronics. * **Logic Inversion:** Using the NC (Normally Closed) contact to reverse the logic of a control signal.
    ✨ Follow-up Questions
    • ⤷ How do I wire this module for an NPN vs PNP PLC output?
    • ⤷ What is the maximum switching frequency for the W2RS-4D1-R2?
    • ⤷ Can the relay on this board be replaced if a single channel fails?