W2RS-512-R
AI

The **W2RS-512-R** is an industrial-grade **Two-Wire RS-485 Isolator/Repeater**. Its primary function is to extend the distance of RS-485 networks and provide electrical isolation to protect sensitive equipment from ground loops and surges.
---
## 1. Core Technical Specifications
The following table summarizes the key electronic characteristics of the W2RS-512-R:
| Feature | Specification |
| :--- | :--- |
| **Communication Mode** | 2-Wire Half-Duplex (RS-485) |
| **Input Voltage** | 10V to 30V DC |
| **Isolation Voltage** | 2500V or 3000V DC (depending on specific revision) |
| **Baud Rate Support** | 300 bps to 115.2 kbps (Auto-detecting) |
| **Connector Type** | Removable Terminal Blocks |
| **Protection** | 15KV ESD Protection & 600W Surge Protection |
| **Mounting** | DIN-Rail or Wall Mount |
---
## 2. Key Electronic Components & Subsystems
### A. Galvanic Isolation Barrier
The device uses high-speed **optocouplers** or magnetic isolators to separate the input and output circuits. This prevents high-voltage spikes or ground potential differences on one side of the network from damaging the controller (PLC/PC) on the other side.
### B. Intelligent Flow Control (Auto-Direction)
Unlike older RS-485 repeaters that require a "Request to Send" (RTS) signal to switch between transmit and receive modes, the W2RS-512-R contains an internal **Auto-Direction circuitry**.
* It detects the presence of data on the line.
* It automatically switches the transceiver state.
* This makes it transparent to the software/protocol being used.
### C. Signal Regeneration (Repeater Function)
RS-485 signals degrade over long distances due to cable capacitance and resistance. The W2RS-512-R:
1. **Cleans** the incoming signal (removes noise).
2. **Amplifies** the signal to standard logic levels.
3. **Retransmits** it, allowing the network to extend another 1,200 meters.
---
## 3. Typical Application Schematic
When integrating this part, the wiring usually follows this logic:
```text
[ Master Device ] <--> [ W2RS-512-R ] <--> [ Remote Slave Devices ]
(Side A) (Isolation) (Side B - Extended)
Data+ ------------------ D+ | D+ ------------------ Data+
Data- ------------------ D- | D- ------------------ Data-
GND ------------------ SG | SG ------------------ GND
```
### Protection Mechanisms Included:
* **TVS Diodes:** Transient Voltage Suppressors on the data lines to clamp over-voltages.
* **DC/DC Converter:** An internal isolated power module that ensures the "Field Side" of the isolator has power without sharing a common ground with the "Logic Side."
---
- ⤷
How do you calculate the maximum number of nodes supported by the W2RS-512-R?
- ⤷ What is the difference between an RS-485 isolator and a standard RS-485 bridge?
- ⤷ What type of power supply is recommended for industrial RS-485 repeaters?