Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-543-R2

  • AI
    The **W2RS-543-R2** is a specific industrial-grade Ethernet-to-Serial converter (often referred to as a Serial Device Server) manufactured by companies like **Westermo** (specifically from the Wolverine or similar industrial networking series). It is designed to bridge legacy serial communication devices with modern Ethernet networks. --- ### 1. Technical Specifications The device is built to operate in harsh industrial environments, providing robust physical and electrical isolation. | Feature | Specification | |:---|:---| | **Primary Function** | RS-232/422/485 to Ethernet Conversion | | **Serial Ports** | 1 x D-sub (9-pin) supporting multiple standards | | **Ethernet Ports** | 1 x RJ-45 (10/100 Mbps) | | **Power Input** | Typically 24V DC (range 19V to 60V) | | **Isolation** | Galvanic isolation on all ports (protects against surges) | | **Mounting** | DIN-rail mounting for industrial cabinets | --- ### 2. Key Electronic Components & Features #### A. Galvanic Isolation One of the most critical electronic aspects of the "R2" revision is the high-level **galvanic isolation**. This uses optocouplers or magnetic isolators to ensure that electrical noise or surges on the serial line do not travel to the Ethernet network or the power supply, preventing equipment failure. #### B. The Transceiver Circuitry The device contains internal jumpers or software-selectable switches to toggle between different physical layers: * **RS-232:** For short-distance, point-to-point communication. * **RS-422:** For long-distance, full-duplex communication. * **RS-485:** For multi-drop bus configurations (2-wire or 4-wire). #### C. Microcontroller & Buffer Memory The "brain" of the unit handles the **TCP/IP stack**. Since serial data (slow) is being converted to Ethernet data (fast), the internal PCB contains buffer RAM to prevent data loss during transmission bursts. --- ### 3. Connection Pinout (RS-232 Example) The 9-pin D-sub connector typically follows standard industrial pinouts for RS-232: | Pin Number | Signal Name | Description | |:---:|:---:|:---| | 2 | RXD | Receive Data | | 3 | TXD | Transmit Data | | 5 | SG | Signal Ground | | 7 | RTS | Request to Send | | 8 | CTS | Clear to Send | --- ### 4. Typical Use Cases * **Legacy PLC Integration:** Connecting an old PLC with only RS-232 to a central SCADA system via Ethernet. * **Remote Monitoring:** Accessing CNC machines or flow meters over a factory-wide LAN. * **Point-to-Point Tunneling:** Using two W2RS units to extend a serial cable over a very long distance using an existing fiber or copper Ethernet backbone. ---
    ✨ Follow-up Questions
    • ⤷ How do I configure the DIP switches for RS-485 mode on this device?
    • ⤷ What is the maximum baud rate supported by the W2RS-543-R2?
    • ⤷ Does this model support Modbus TCP to Modbus RTU conversion?