W2RS-5BB-R
AI

The **W2RS-5BB-R** is a specific model of a **Miniature Industrial Relay** (often categorized as an Interface Relay or Slim Power Relay). These components are designed to isolate control circuits from load circuits and are frequently used in automation, PLC interfacing, and industrial control panels.
Below is a breakdown of its electronic specifications and technical characteristics.
---
### 1. Technical Specifications
The following table outlines the core electrical and mechanical parameters typically associated with this series:
| Parameter | Specification Details |
| :--- | :--- |
| **Relay Type** | Electromagnetic / Interface Relay |
| **Contact Configuration** | 1C (SPDT - Single Pole Double Throw) |
| **Rated Load (Resistive)** | 5A at 250VAC / 30VDC |
| **Max Switching Voltage** | 250VAC / 125VDC |
| **Coil Voltage** | 24VDC (Standard for the "R" suffix in many industrial series) |
| **Contact Material** | Silver Alloy (often AgNi or AgSnO2) |
| **Mounting Type** | DIN Rail or PCB (depending on socket) |
---
### 2. Key Electronic Components & Features
The W2RS-5BB-R consists of several critical electronic sub-parts that determine its performance:
#### A. The Electromagnetic Coil
* **Function:** When a current flows through the coil, it creates a magnetic field that pulls the armature.
* **Protection:** High-quality versions often include an internal **Flyback Diode** (Freewheeling diode) to suppress voltage spikes when the coil is de-energized, protecting sensitive PLC outputs.
#### B. Contact System (The Switch)
* **Gold Plating:** Many "B" or "R" variants feature gold-clad contacts. This is crucial for **low-level switching** (logic signals), as it prevents oxidation and ensures electrical continuity at very low currents.
* **Arc Suppression:** Designed to minimize electrical arcing to extend the mechanical life of the relay.
#### C. LED Indicators
* **Visual Status:** Most units in this series feature a built-in **Green or Red LED**. This allows technicians to see at a glance if the relay coil is energized without using a multimeter.
---
### 3. Application Use Cases
The W2RS-5BB-R is commonly integrated into the following environments:
1. **PLC Output Buffering:** Protecting expensive PLC internal transistors from high-voltage loads.
2. **Signal Multiplication:** Taking one control signal and switching multiple independent circuits.
3. **Voltage Level Shifting:** Using a 24VDC control signal to switch a 220VAC motor or lamp.
---
### 4. Part Number Breakdown (Typical)
* **W2RS:** Series designation (often related to slim or interface relays).
* **5:** Contact current rating (5 Amperes).
* **BB:** Specific designator for terminal style or contact material.
* **R:** Usually indicates the inclusion of an internal surge suppression circuit or a specific RoHS compliance/indicator light.
- ⤷
What is the pinout diagram for the W2RS-5BB-R?
- ⤷ How does this relay compare to solid-state relays (SSRs) in terms of lifespan?
- ⤷ What is the maximum operating temperature for this component?