Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-5C1-R2

  • AI
    The **W2RS-5C1-R2** is a specialized electronic component primarily categorized as an **Industrial Control Power Supply Module** or a **Signal Isolation Converter**, often manufactured by companies like **Widap** or specialized industrial electronic firms. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device is designed for DIN-rail mounting in industrial control panels to handle signal conversion or power distribution with high reliability. | Feature | Specification | | :--- | :--- | | **Model Type** | Isolated DC/DC Converter / Signal Conditioner | | **Mounting Type** | DIN Rail (Standard 35mm) | | **Input Voltage** | 24V DC (Common industrial standard) | | **Output Voltage** | 5V DC (Regulated) | | **Current Rating** | ~1A - 2A (Varies by specific sub-series) | | **Isolation** | Input-to-Output Galvanic Isolation | --- ### 2. Core Electronic Parts & Architecture The "W2RS" series typically utilizes a **Switch-Mode Power Supply (SMPS)** topology. Internally, it consists of the following key electronic stages: #### A. Input Filtering Stage * **MOV (Metal Oxide Varistor):** Protects against high-voltage surges from the industrial grid. * **Electrolytic Capacitors:** Smooths the incoming DC ripple. * **Reverse Polarity Protection:** A diode or MOSFET circuit to prevent damage if the wires are swapped. #### B. Conversion Stage (PWM Controller) * **Pulse Width Modulation (PWM) IC:** The "brain" that regulates the output by rapidly switching the current. * **Switching Transistor (MOSFET):** Handles the high-frequency switching to step down the voltage efficiently. * **High-Frequency Transformer:** Provides the physical **galvanic isolation** between the input and output circuits. #### C. Output Rectification & Regulation * **Schottky Diodes:** Rectifies the high-frequency AC from the transformer back into DC. * **LC Filter:** An inductor-capacitor network that ensures the 5V output is "clean" and free of noise, which is critical for sensitive sensors. --- ### 3. Pinout & Connectivity The unit typically features screw-terminal blocks for secure industrial wiring. | Terminal Number | Function | Description | | :--- | :--- | :--- | | **1 & 2** | **Input (+/-)** | Positive and Negative DC Input (e.g., 24V) | | **3 & 4** | **Output (+/-)** | Regulated DC Output (e.g., 5V) | | **G / PE** | **Ground** | Protective Earth for noise shielding | --- ### 4. Key Advantages 1. **Noise Immunity:** The R2 designation often implies enhanced resistance to electromagnetic interference (EMI). 2. **Compact Form Factor:** Designed to save space in crowded electrical cabinets. 3. **Efficiency:** High efficiency (typically >80%) which minimizes heat dissipation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature range for the W2RS-5C1-R2?
    • ⤷ Does this model support short-circuit protection on the output side?
    • ⤷ Can the output voltage be adjusted manually via a potentiometer?