Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-5C4-R2

  • AI
    The **W2RS-5C4-R2** is a specific industrial interface module, typically categorized as a **Terminal Relay Board** or a **Relay Terminal Block**. It is widely used in automation and control systems to act as an interface between PLC (Programmable Logic Controller) outputs and field devices. Below is an explanation of its electronic components and functional characteristics. --- ### 1. Key Technical Specifications This module is designed to simplify wiring and provide electrical isolation between high-power loads and low-power control circuits. | Feature | Specification | | :--- | :--- | | **Relay Channels** | 4-Channel (Standard for the -5C4 series) | | **Input Voltage** | 24V DC (Standard for industrial PLCs) | | **Contact Type** | 1C (SPDT - Single Pole Double Throw) per channel | | **Switching Capacity** | Typically 5A to 10A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail Mounting (Standard TS35) | | **Connection Type** | Screw Terminal blocks | --- ### 2. Core Electronic Components #### A. Electromagnetic Relays The heart of the module consists of four individual relays. These provide **Galvanic Isolation**, ensuring that if a short circuit occurs on the high-voltage side, the PLC (the "brain") remains protected. #### B. Protection Circuitry (Flyback Diodes) Integrated into the PCB are freewheeling or **flyback diodes**. When a relay coil is de-energized, it creates a voltage spike; these diodes suppress the spike to prevent damage to the driving transistors in the PLC or controller. #### C. LED Status Indicators Each channel features an onboard LED (usually green or red). These provide immediate visual feedback: * **LED ON:** The control signal is active, and the relay coil is energized. * **LED OFF:** No signal is present, or there is a power failure. #### D. Terminal Blocks High-quality screw terminals allow for secure connection of thick field wires (for the load) and thin signal wires (from the PLC). --- ### 3. Wiring Configuration The "R2" suffix often denotes a specific wiring logic or common rail configuration. * **Input Side (Coil):** Connects to the PLC Output. Common configurations include NPN (Sinking) or PNP (Sourcing). * **Output Side (Contacts):** * **COM:** Common terminal. * **NO:** Normally Open (closes when energized). * **NC:** Normally Closed (opens when energized). --- ### 4. Typical Applications * **Level Shifting:** Using a 24V PLC signal to switch a 220V AC motor or solenoid. * **Signal Multiplication:** Using one PLC output to trigger multiple contacts. * **Isolation:** Protecting expensive control hardware from electrical noise and surges.
    ✨ Follow-up Questions
    • ⤷ Does the W2RS-5C4-R2 support both NPN and PNP input signals?
    • ⤷ What is the maximum switching frequency for this relay module?
    • ⤷ Are the individual relays replaceable or soldered onto the board?