W2RS-5D2-R2
AI

The **W2RS-5D2-R2** is a specific model of an **I/O Relay Terminal** or Relay Board, typically manufactured by companies like **Wago** or **Anywire**. These devices are used in industrial automation to interface between low-power control signals (PLC outputs) and high-power field devices.
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the W2RS-5D2-R2:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | W2RS Series (Slim/Compact Type) |
| **Number of Channels** | 2 Channels (indicated by the "2" in the suffix) |
| **Control Voltage** | 24V DC (Standard for Industrial PLC) |
| **Contact Type** | 1c (SPDT - Single Pole Double Throw) |
| **Rated Load (Resistive)** | Typically 5A at 250V AC / 30V DC |
| **Mounting Type** | DIN Rail Mounting |
| **Terminal Type** | Screw or Push-in (depending on specific sub-version) |
---
### 2. Internal Electronic Components
The board consists of several critical electronic parts that ensure safe operation:
* **Relay Units:** The heart of the module. It uses high-quality mechanical relays to provide galvanic isolation between the input and output circuits.
* **Protection Diodes (Flyback Diodes):** Connected across the relay coil to protect the PLC output from voltage spikes (back-EMF) when the coil is de-energized.
* **LED Status Indicators:** Integrated LEDs (usually green or red) provide a visual confirmation of the input signal status for each channel.
* **Varistors (MOV):** Often included on the contact side to suppress electrical noise and arcing during switching, extending the life of the contacts.
---
### 3. Wiring Configuration
The "R2" designation specifically refers to the layout of the 2-point relay system.
```mermaid
graph LR
A[PLC 24V DC Out] --> B[W2RS Coil Input]
B --> C[Electromagnetic Switch]
C --> D[Field Device 230V AC / 24V DC]
style B fill:#f9f,stroke:#333,stroke-width:2px
```
### 4. Application Use Cases
1. **Level Shifting:** Converting a 24V DC PLC signal to switch a 220V AC motor starter.
2. **Signal Isolation:** Protecting sensitive controller electronics from field-side electrical faults.
3. **Current Amplification:** Using a 10mA PLC output to drive a 5A load.
---
- ⤷
What is the maximum switching frequency for the W2RS-5D2-R2?
- ⤷ Does this model support NPN or PNP logic inputs?
- ⤷ What are the physical dimensions for DIN rail spacing?