W2RS-5D3-R2
AI

The **W2RS-5D3-R2** is a specific model of an **Electromechanical Relay Terminal Block** (often referred to as an I/O Relay Board), typically manufactured by companies like **Wago** or specialized industrial automation brands. It is designed to bridge the gap between low-power control signals (from a PLC or MCU) and high-power industrial loads.
---
### 1. Key Technical Specifications
Below is a breakdown of the primary electrical characteristics for this part:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage (Coil)** | 5V DC |
| **Contact Configuration** | 1 Changeover (SPDT - Single Pole Double Throw) |
| **Switching Current** | Max 3A to 5A (model dependent) |
| **Number of Channels** | 2-Channel (indicated by '2' in the prefix/suffix) |
| **Mounting Type** | DIN Rail (35mm) |
| **Terminal Type** | Screw or Push-in terminals |
---
### 2. Core Electronic Components
The W2RS-5D3-R2 consists of several internal components integrated into the PCB:
1. **Relay (The Core):**
* Usually houses a sub-miniature relay (like an Omron G6D or similar).
* **Function:** Uses the 5V DC input to electromagnetically move a physical switch to control a separate AC or DC circuit.
2. **Protection Diode (Flyback Diode):**
* Connected in parallel with the relay coil.
* **Function:** Prevents "Inductive Kickback" (voltage spikes) from damaging the driving transistor or PLC when the relay is turned off.
3. **LED Indicator:**
* A small SMD LED (usually green or red).
* **Function:** Provides visual confirmation that the specific channel is energized.
4. **Varistor/RC Snubber (Optional/Model Dependent):**
* **Function:** Protects the output contacts from arcing when switching inductive loads (like motors or solenoids).
---
### 3. Wiring Layout
The device acts as an interface between two distinct electrical environments:
* **Input Side (Control):**
* `+` (5V DC)
* `-` (0V / Common)
* `S` (Signal trigger)
* **Output Side (Load):**
* **COM:** Common terminal.
* **NO:** Normally Open (closes when 5V is applied).
* **NC:** Normally Closed (opens when 5V is applied).
---
### 4. Applications
* **PLC Interfacing:** Connecting a 5V logic controller to 230V AC lights or motors.
* **Signal Isolation:** Protecting sensitive microcontrollers from high-voltage noise.
* **Industrial Automation:** Used in control cabinets for space-saving wire management.
---
- ⤷
What is the maximum switching voltage supported by the W2RS-5D3-R2 contacts?
- ⤷ How does a 2-channel relay board differ in wiring from a single-channel version?
- ⤷ Can this relay be triggered by an Arduino or Raspberry Pi 5V output?