Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2RS-6AA-R2

  • AI
    The **W2RS-6AA-R2** is a specific model within a series of **Industrial Remote Control Systems**, typically used for operating overhead cranes, hoists, and heavy industrial machinery. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. General Specifications The W2RS-6AA-R2 system consists of a handheld transmitter and a base receiver unit. The "-6AA" usually denotes the number of functional buttons (6 single-step buttons). | Feature | Specification | | :--- | :--- | | **Control Distance** | Up to 100 Meters (Open Field) | | **Frequency Range** | VHF: 310-331 MHz; UHF: 425-446 MHz | | **Output Contacts** | 5A / 250VAC | | **Operating Temperature** | -35°C to +85°C | | **Protection Rating** | IP65 (Dust-tight and water-resistant) | | **Power Supply (Receiver)** | DC 12-24V or AC 110/220/380V (Model dependent) | --- ### 2. Key Electronic Components #### A. The Transmitter (Handheld) * **Microcontroller (MCU):** The "brain" of the unit that encodes button presses into digital data packets. * **RF Module:** Converts the digital signal into a radio frequency wave for transmission. * **EEPROM/CPU:** Stores the unique security ID code to ensure the receiver only responds to its specific paired transmitter. * **Power Management:** Typically powered by two AA alkaline batteries with a low-power indicator LED. #### B. The Receiver (Fixed Unit) * **Switching Relays:** These are the most critical physical electronic parts. When you press a button, the receiver triggers a relay to close a circuit, powering the crane motors. * **Internal Antenna:** High-sensitivity component designed to pick up signals despite industrial electromagnetic interference (EMI). * **Safety Circuitry:** Includes a "Watchdog" timer and a Magnetic E-Stop circuit. If the signal is lost, the relays automatically open to stop the machine. --- ### 3. Wiring Diagram Overview The wiring is standard for industrial automation. Below is a simplified representation of the typical wire harness: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Black / Brown** | Power Input | Connects to the main power source (AC or DC). | | **Pink** | Main / COM | The common line for the control relays. | | **Orange** | Emergency Stop | Dedicated line for the E-stop safety function. | | **Yellow/Green** | Directionals | Controls for Up, Down, East, West, North, South. | --- ### 4. Safety & Security Features * **ID Code:** Over 4.3 billion unique security codes are used to prevent cross-talk between different remotes in the same factory. * **Hamming Code:** Uses advanced error-detection algorithms to ensure that "ghost signals" do not accidentally trigger the machinery. * **Shock Resistance:** The PCB (Printed Circuit Board) is often coated or mounted on vibration dampers to survive the harsh movements of a crane. ---
    ✨ Follow-up Questions
    • ⤷ How do I pair a new transmitter with an existing W2RS receiver?
    • ⤷ What are the common troubleshooting steps if the relays fail to click?
    • ⤷ Is the W2RS-6AA-R2 compatible with variable frequency drives (VFD)?