W2SP-11A-R/N
AI

The **W2SP-11A-R/N** is a specific type of **Rotary Selection Switch**, commonly used in industrial control panels, automation systems, and machinery. It is designed to provide a physical interface for selecting different operational modes or states.
---
## 1. Core Technical Specifications
The part number typically breaks down into specific electrical and mechanical characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Rotary Selector Switch |
| **Operator Shape** | Round (Short Handle or Knob) |
| **Mounting Diameter** | 22mm or 25mm (Standard Industrial size) |
| **Contact Configuration** | 1 NO (Normally Open) + 1 NC (Normally Closed) |
| **Number of Positions** | 2-Position (usually Maintain/Stay put) |
| **Angle of Throw** | 90° rotation between positions |
| **Illumination** | Non-Illuminated (Standard) |
---
## 2. Electronic Component Breakdown
### A. Contact Blocks (The Switching Element)
The "11A" in the part number often refers to the contact arrangement:
* **11**: Signifies 1 NO and 1 NC contact block.
* **A**: Usually indicates the mounting style or the specific revision of the contact block series.
* The contacts are typically made of **Silver Alloy** to ensure high conductivity and resistance to oxidation over time.
### B. Electrical Ratings
In industrial environments, these switches are rated for both AC and DC loads:
* **AC Rating:** Typically 240V / 3A or 120V / 6A.
* **DC Rating:** Typically 24V / 1A or 125V / 0.22A.
* **Insulation Resistance:** Usually > 100MΩ.
### C. Mechanical & Environmental Features
* **IP Rating:** Generally **IP65**, meaning it is dust-tight and protected against water jets (common in factory floors).
* **Durability:** Mechanical life is often rated for over 100,000 cycles.
* **Housing Material:** Usually Flame-retardant plastic or die-cast metal, depending on the specific sub-series.
---
## 3. Wiring Logic
The switch operates by physically moving a cam that pushes or releases the plungers on the attached contact blocks.
```mermaid
graph LR
A[Input Terminal] --> B{Switch Position}
B -- Position 1 --> C[NC Contact: Closed]
B -- Position 1 --> D[NO Contact: Open]
B -- Position 2 --> E[NC Contact: Open]
B -- Position 2 --> F[NO Contact: Closed]
```
---
## 4. Common Applications
* **Mode Selection:** Switching a machine between "Manual" and "Auto" modes.
* **Power Control:** On/Off selector for auxiliary circuits.
* **Safety Logic:** Used in series with other components to ensure a machine cannot start unless the switch is in the correct position.
- ⤷
What is the exact mounting hole diameter for the W2SP series?
- ⤷ How do I wire the NO/NC contacts for a basic Start/Stop function?
- ⤷ Does this model support LED illumination upgrades?