W2SP-141-R
AI

The **W2SP-141-R** is a specific surface-mount component, typically classified as a **Wire-to-Board (WTB) Connector** or a specialized high-current terminal. It is most commonly associated with manufacturers like *Eaton (Bussmann)* or high-power electronics suppliers.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The W2SP-141-R is designed for robust electrical connections in power distribution systems.
| Attribute | Specification |
| :--- | :--- |
| **Component Type** | Terminal Block / PCB Screw Terminal |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (TH) |
| **Orientation** | Right Angle or Vertical (model dependent) |
| **Material** | Copper Alloy with Tin Plating |
| **Termination Method** | Screw-down or Crimp |
| **RoHS Compliant** | Yes |
---
### 2. Key Electronic Parts & Features
The assembly of the W2SP-141-R consists of several critical functional parts:
* **Terminal Body:** Made of high-conductivity copper alloy. It is the primary path for current flow. The tin plating prevents oxidation and ensures low contact resistance over time.
* **Mounting Feet:** Specially shaped tabs that allow the component to be soldered directly to a PCB. These are designed to withstand high mechanical torque when a wire is tightened.
* **The "R" Suffix:** In electronic part numbering, "R" often signifies **RoHS Compliance** or **Tape and Reel** packaging for automated pick-and-place assembly.
* **Threaded Insert:** Often features a M3 or M4 internal thread to accept screws for securing heavy-gauge wire lugs.
---
### 3. Application Use Cases
Because of its high current-carrying capacity, this part is used in:
1. **Power Supplies:** Serving as the main DC output terminal.
2. **Industrial Controls:** Connecting external sensors or actuators to a control board.
3. **Automotive Electronics:** Used in power distribution boxes for 12V/24V systems.
4. **Inverters:** Connecting high-current battery cables to the PCB.
---
### 4. Technical Advantages
| Advantage | Description |
| :--- | :--- |
| **High Amperage** | Capable of handling significantly higher current than standard pin headers. |
| **Mechanical Stability** | Multiple solder points distribute the mechanical stress of the wire weight. |
| **Low Resistance** | The solid metal construction minimizes voltage drops across the connection. |
---
### 5. Footprint Recommendation
When designing a PCB for the W2SP-141-R, engineers must ensure:
* **Large Solder Pads:** To accommodate the heat required for a solid bond.
* **Thermal Relief:** Using thermal vias to manage heat dissipation during operation.
---
- ⤷
What is the maximum current rating (Amps) for the W2SP-141-R?
- ⤷ What are the recommended wire gauges (AWG) for this terminal?
- ⤷ Are there through-hole versions of this part for higher mechanical strength?