W2SP-142-R/Q
AI

The **W2SP-142-R/Q** is a high-precision, multi-layer surface mount device (SMD) wire-wound power inductor. These components are primarily designed for power management circuits where high current handling and low DC resistance (DCR) are required within a small footprint.
---
### Technical Specifications Overview
The following table summarizes the typical electronic characteristics of the W2SP-142-R/Q series:
| Parameter | Value/Description |
| :--- | :--- |
| **Inductance Range** | Typically 0.1µH to 10µH (varies by specific sub-model) |
| **Tolerance** | ±20% (Standard) |
| **Material** | Ferrite Core / Wire-wound construction |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Operating Temp** | -40°C to +125°C |
| **Termination** | Lead-free (RoHS compliant) / Q-series (Automotive grade potential) |
---
### Key Features
1. **Wire-Wound Construction:** Unlike multilayer chip inductors, the wire-wound design allows for a much higher **Q-factor** (quality factor) and significantly higher current carrying capacity.
2. **Magnetic Shielding:** These parts are often magnetically shielded to minimize EMI (Electromagnetic Interference), making them suitable for high-density PCB layouts.
3. **R/Q Suffix Meaning:**
* **-R:** Generally indicates compliance with RoHS standards (Lead-Free).
* **-Q:** Often denotes "Automotive Grade" or AEC-Q200 qualification, indicating higher reliability under stress and vibration.
4. **Low DCR:** Designed with thick copper windings to ensure minimal power loss through heat, maximizing battery life in portable electronics.
---
### Common Applications
The W2SP-142 series is commonly integrated into the following electronic systems:
* **DC-DC Converters:** Used as the energy storage element in buck/boost regulators.
* **Smartphone Power Management:** Small footprint allows it to fit in mobile PMICs (Power Management Integrated Circuits).
* **Wearable Technology:** High efficiency is critical for small batteries.
* **Automotive Infotainment:** The "Q" version is used in dashboard displays and sensor modules.
---
### Schematic Representation
In a circuit diagram, the part is represented as a standard inductor with its specific value:
```text
L1 (W2SP-142-R)
Vin ----(ZZZZZ)---- Vout
|
[Cout]
|
GND
```
---
- ⤷What is the maximum saturation current for the W2SP-142-R?
- ⤷ How does the 'Q' suffix affect the testing standards for this part?
- ⤷ What are the recommended soldering profiles for this SMD inductor?