W2SP-14B-R2/UL
AI

The **W2SP-14B-R2/UL** is a specialized high-density electrical connector, primarily utilized in industrial automation, telecommunications, and power distribution systems. It is part of a series often associated with reliable board-to-board or cable-to-board interfacing.
---
### ## Technical Specifications
Below are the primary electronic and physical characteristics of the W2SP-14B-R2/UL:
| Characteristic | Specification Detail |
| :--- | :--- |
| **Number of Pins** | 14 Pins |
| **Configuration** | Dual Row (usually 2x7 layout) |
| **Mounting Type** | Through-hole or SMT (depending on specific R2 variant) |
| **Pitch** | Typically 2.0mm or 2.54mm |
| **Safety Rating** | UL Recognized (UL94V-0 Flame Retardant) |
| **Material** | High-temperature thermoplastic / Phosphor Bronze contacts |
| **Plating** | Gold or Tin-Lead over Nickel |
---
### ## Key Electronic Components & Features
#### 1. Contact Resistance
The internal metal pins (Phosphor Bronze) are engineered for low contact resistance (typically $<20m\Omega$). This ensures minimal voltage drop across the connection, which is critical for signal integrity in logic circuits.
#### 2. Dielectric Withstanding Voltage
The housing material is designed to prevent electrical arcing between adjacent pins. It generally supports a breakdown voltage of **500V AC/minute** or higher, ensuring safety in power-sensitive applications.
#### 3. Insulation Resistance
The W2SP series uses high-grade insulators that provide a resistance of over **1000M\Omega**, preventing leakage current between signals, which is vital for high-frequency or high-impedance circuits.
#### 4. Current Capacity
Each pin is typically rated to handle between **1A to 3A** of current. If the application requires higher amperage, multiple pins are often grouped together.
---
### ## Common Applications
* **PLC Modules:** Used for internal data routing within Programmable Logic Controllers.
* **Power Supplies:** Acts as a bridge between the transformer secondary and the main PCB.
* **Networking Gear:** Used for mezzanine card connections in routers and switches.
---
- ⤷
What is the exact pitch measurement for the W2SP-14B-R2/UL?
- ⤷ Is this connector compatible with automated pick-and-place assembly?
- ⤷ What are the specific environmental operating temperature limits for this part?