W2SP-1AB-R
AI

The **W2SP-1AB-R** is a specific component primarily associated with industrial automation, specifically manufactured by **Omron**. It belongs to the series of **Safety Light Curtain cables/connectors** or specific **Switch units** depending on the regional catalog, but it is most commonly identified as a **Plug-In Terminal Block/Connector** or a **Switching Unit accessory**.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. General Specifications
The W2SP-1AB-R is designed for high reliability in industrial environments. It typically serves as an interface component to simplify wiring.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Omron |
| **Component Type** | Terminal Block / Interface Unit |
| **Mounting Type** | DIN Rail or Plug-in |
| **RoHS Compliant** | Yes |
| **Typical Application** | Safety Systems, PLC I/O Interfacing |
---
### 2. Key Electronic Features
#### A. Contact Configuration
The "1AB" designation often refers to the internal contact arrangement:
* **1 Pole:** Single circuit control.
* **Form A/B:** Often indicates a combination of Normally Open (NO) and Normally Closed (NC) contacts, allowing for failsafe operations.
#### B. Electrical Ratings
* **Voltage:** Rated for standard industrial control voltages (typically up to **24V DC** or **250V AC** depending on the specific relay/switch load).
* **Current Capacity:** Designed to handle control-level signals (usually **1A to 5A**).
#### C. Termination Style
* **Screw-less or Screw Terminals:** Designed for rapid wiring. The "-R" suffix often denotes a specific orientation (Right-hand) or a specific revision of the terminal layout for easier cable management.
---
### 3. Physical Construction
The part is built to withstand harsh factory conditions:
* **Housing Material:** High-grade thermoplastic with flame retardant properties (UL94V-0).
* **Color Coding:** Often uses industry-standard colors to differentiate between power and signal lines.
* **Compact Design:** Designed to save space in crowded electrical cabinets.
---
### 4. Typical Use Case: Safety Light Curtains
In many configurations, this part acts as a **Connector/Socket** for Omron F3SJ or F3SG safety light curtains. It allows the user to:
1. Easily replace cables without rewiring the entire system.
2. Provide a secure, vibration-resistant connection for safety-critical signals.
3. Implement "Plug-and-Play" functionality for industrial sensors.
---
- ⤷
What is the pinout diagram for the W2SP-1AB-R?
- ⤷ Is this component compatible with third-party PLC systems?
- ⤷ What are the environmental temperature ratings for this part?