W2SP-1C3-R/CE
AI

The **W2SP-1C3-R/CE** is a high-precision, subminiature basic switch manufactured by **OMRON**. It is primarily designed for high reliability in tight spaces, often used in automotive, industrial, and consumer electronics.
---
### 1. Key Technical Specifications
Below are the primary electronic and mechanical characteristics of the W2SP series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Subminiature Basic Switch |
| **Contact Form** | SPDT (Single Pole Double Throw) |
| **Actuator Type** | Pin Plunger |
| **Operating Force (OF)** | 1.47 N (Approx. 150 gf) |
| **Rated Voltage** | 30 VDC |
| **Rated Current** | 0.1A (Gold-alloy crossbar contacts) |
| **Terminal Type** | Solder Terminals |
| **Environmental Protection** | IP67 (Dust-tight and Water-resistant) |
---
### 2. Design and Construction
The internal parts of the W2SP-1C3-R/CE are engineered for durability and environmental resistance:
* **Contact Material:** It typically uses gold-alloy crossbar contacts. This is crucial for "micro-load" applications (low voltage/low current) because gold prevents oxidation and ensures stable electrical contact.
* **Sealing Structure:** The "CE" designation often refers to the compliance and sealing standards. The switch uses an internal rubber seal and epoxy resin at the terminal base to achieve an **IP67 rating**, making it suitable for environments exposed to water or dust.
* **Mounting Side:** The **"R"** in the suffix usually denotes the mounting orientation or a specific terminal bend (Right-side mounting/wiring) relative to the plunger.
---
### 3. Functional Components
The switch operates via three main internal electronic components:
1. **COM (Common Terminal):** The input point for the current.
2. **NC (Normally Closed):** The circuit is complete when the plunger is at rest.
3. **NO (Normally Open):** The circuit completes only when the plunger is depressed.
---
### 4. Common Applications
* **Automotive:** Door latch detection, seatbelt buckle sensors, and hood switches.
* **Industrial:** Limit sensing in small robotic arms or valve position detection.
* **Consumer Gear:** Presence detection in high-end appliances where moisture might be present.
---
- ⤷
What is the difference between gold-alloy and silver contacts in microswitches?
- ⤷ Can you provide the physical dimensions for the W2SP series?
- ⤷ How does an IP67 rating protect the internal electronic contacts?