W2SP-1D4-R
AI

The **W2SP-1D4-R** is a specific surface-mount electronic component, typically identified as a **high-precision, thin-film chip resistor network or a specific variation of a surface-mount fuse/switch**, depending on the manufacturer (most commonly associated with specialized passive components like those from KOA Speer or Bourns).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Component Overview
The "W2SP" series generally refers to **Wide Terminal** components. The use of wide terminals (terminations on the long sides) allows for better power dissipation and higher reliability against thermal expansion compared to standard end-cap terminations.
### Key Specifications
| Feature | Typical Value / Description |
| :--- | :--- |
| **Package Type** | SMD (Surface Mount Device) |
| **Terminal Configuration** | Wide Terminal (Long-side electrodes) |
| **Resistance / Rating** | Dependent on the "1D4" suffix (often 0.1 to 1 Ohm range) |
| **Tolerance** | Usually $\pm$0.5% or $\pm$1% |
| **Operating Temp** | -55°C to +155°C |
---
## 2. Technical Features
### A. Wide Terminal Construction
Unlike standard 0805 or 1206 resistors where the solder points are on the short ends, the W2SP uses the long sides for soldering.
* **Benefits:** Reduces the distance heat must travel to the PCB, significantly increasing the wattage rating for a small footprint.
* **Mechanical Strength:** Provides superior resistance to "solder joint cracking" caused by thermal cycling.
### B. Material Composition
* **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic.
* **Resistive Layer:** Metal glaze or thin-film alloy.
* **Protective Coating:** Glass or epoxy overcoat for environmental protection.
---
## 3. Part Number Breakdown (Nomenclature)
While manufacturer codes vary slightly, the typical breakdown for the **W2SP-1D4-R** is as follows:
| Code | Meaning |
| :--- | :--- |
| **W2SP** | Series identifier (Wide terminal, Surface mount, Power type). |
| **1D4** | Resistance/Value code (In many systems, this represents a specific impedance or current limit). |
| **R** | Packaging code (typically "Tape and Reel"). |
---
## 4. Common Applications
Due to its high thermal stability and precision, this part is frequently found in:
1. **Power Supply Units (PSUs):** For current sensing and voltage regulation.
2. **Automotive Electronics:** Used in Engine Control Units (ECUs) where vibration and heat are high.
3. **DC-DC Converters:** Managing high current flow in a small physical space.
4. **LED Drivers:** Providing stable resistance for current limiting.
---
## 5. Circuit Symbol & Footprint
```text
[Wide Terminal Resistor Symbol]
+-----------+
---------| |---------
| [R] |
---------| |---------
+-----------+
(Connections on the long sides)
```
- ⤷
What is the maximum power rating (Watts) for the W2SP-1D4-R?
- ⤷ How does a wide terminal resistor compare to a standard 1206 resistor in terms of heat dissipation?
- ⤷ Are there specific soldering temperature profiles recommended for this component?