W2SP-21B-R/N
AI

The **W2SP-21B-R/N** is a specialized electronic component, typically categorized as a **Water-Resistant Rocker Switch** or an **Industrial Control Switch** (often associated with the W2 series from manufacturers like NKK Switches or similar industrial automation brands).
Below is a detailed breakdown of its electronic parts and specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rocker Switch (Power Grade) |
| **Circuit Configuration** | DPST (Double Pole, Single Throw) or DPDT |
| **Contact Rating** | Usually 10A - 20A at 125V/250V AC |
| **Actuator Style** | Standard Rocker / Paddle |
| **Sealing Rating** | IP67 (Dust-tight and Water-resistant) |
| **Mounting Type** | Panel Mount (Snap-in or Screw) |
| **Terminal Type** | Solder Lug or Quick Connect (.250") |
---
### 2. Physical and Internal Parts
The "W2" designation often implies a specific construction meant for harsh environments. The internal and external parts include:
#### A. The Actuator (The Rocker)
* **Material:** Often made of high-impact Polyamide (Nylon) or Polycarbonate.
* **Function:** The user-facing part that pivots to open or close the internal contacts.
* **Seal:** Includes an internal silicone rubber boot or O-ring to prevent liquids from entering the switch body.
#### B. Contact Mechanism
* **Fixed Contacts:** Silver-plated brass or copper alloy terminals that stay stationary.
* **Movable Contacts (The Bridge):** A "rocking" metal piece that creates the electrical connection. In the **"B"** variant, this is often a heavy-duty alloy designed to resist "arcing" (sparks) during high-load switching.
#### C. The Housing (Body)
* **Insulation:** Heat-resistant plastic housing that holds the internal components and provides the snap-in clips for panel mounting.
* **Environmental Protection:** The **"R/N"** suffix often refers to the seal type or the color/illumination (e.g., Red/Neon or specific RoHS compliance ratings).
#### D. Terminals
* Usually positioned at the base. The **DPST** configuration has 4 terminals, while **DPDT** has 6. These are designed for high-current throughput.
---
### 3. Electrical Operation
1. **Input Phase:** Power is supplied to the "Line" terminals.
2. **Switching Action:** When the rocker is pressed, the internal spring-loaded mechanism snaps the movable contacts against the fixed contacts.
3. **Output Phase:** Electricity flows through the bridge to the "Load" terminals, powering the external device.
4. **Arc Suppression:** The distance between contacts is engineered to quickly extinguish the electrical arc formed when the switch is opened under a heavy load.
---
### 4. Application Areas
* **Marine Equipment:** Dashboards on boats where water splash is common.
* **Industrial Machinery:** Controls for motors and pumps in dusty environments.
* **Medical Equipment:** Devices requiring easy-to-clean, sealed surfaces.
* **Power Strips:** High-current master switches for professional-grade power distribution.
- ⤷
What are the specific differences between the R and N versions of this switch?
- ⤷ What is the maximum voltage rating for the W2SP-21B-R/N?
- ⤷ Can this switch be used in DC applications
- ⤷ and if so
- ⤷ what are the limitations?