W2SP-2B3-R/UL
AI

The **W2SP-2B3-R/UL** is a high-performance, UL-recognized thermal circuit breaker, typically part of the **W2 series** manufactured by brands like **Schurter** or **Tyco Electronics (TE Connectivity)**. It is designed to provide overcurrent protection for equipment and machinery.
---
### ## Technical Specifications
Below are the primary electronic and mechanical characteristics of the W2SP-2B3-R/UL:
| Property | Description |
| :--- | :--- |
| **Type** | Thermal Circuit Breaker (Press-to-Reset) |
| **Poles** | Single Pole (1-Pole) |
| **Rated Voltage** | 250 VAC / 32 VDC (typical) |
| **Current Rating** | 3A (Standard for "3" in the code) |
| **Mounting Type** | Panel Mount (Snap-in or Threaded neck) |
| **Termination** | Quick Connect / Solder terminals |
| **Approvals** | UL 1077 (Supplementary Protectors) |
---
### ## Key Electronic Features
### 1. Thermal Sensing Element
The device utilizes a **bimetallic strip**. When current flows through the strip, it generates heat. If the current exceeds the rated 3A for a specific duration, the bimetal bends due to the difference in expansion rates of the two metals, triggering the mechanical latch to open the circuit.
### 2. Reset Mechanism (R/UL Designation)
* **Manual Reset:** This is a "Trip-Free" design. If an overload persists, the breaker cannot be forced to stay closed by holding the button down.
* **Visual Indication:** The button usually pops out when the breaker trips, providing a clear visual status of the fault.
### 3. Protection Characteristics
* **Time-Delay:** Unlike magnetic breakers that trip instantly, thermal breakers have a time-delay characteristic. They ignore short "inrush" currents (like a motor starting up) but trip on sustained overloads.
* **Interrupt Capacity:** Designed to handle moderate short-circuit currents (typically up to 1000A or 2000A depending on the specific sub-series).
---
### ## Application Context
The "UL" suffix signifies that the part meets **UL 1077** standards, making it suitable for use as a supplementary protector in:
* Industrial control panels.
* Medical diagnostic equipment.
* Power supplies and UPS systems.
* Household appliances.
---
### ## Connection Diagram (Conceptual)
```text
[ Line In ] ----[ Bimetal Element ]----[ Latch ]---- [ Load Out ]
|
[ Reset Button ]
```
- ⤷
What is the specific trip time-curve for a 3A thermal breaker?
- ⤷ Can this breaker be used in DC applications above 32V?
- ⤷ What is the difference between UL 1077 and UL 489 ratings for this part?