W2SP-2CA-R2/CE
AI

The **W2SP-2CA-R2/CE** is a high-precision, compact **Signal Conditioner** (Isolator/Transducer) manufactured by **M-System**. It is part of the W2SP series, designed for industrial automation to convert and isolate analog signals.
---
### ## Technical Specifications Breakdown
The model number provides specific details about its electronic characteristics:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **W2SP** | Series Name | Ultra-slim Signal Conditioner (2-wire Transmitter) |
| **2** | Number of Channels | 2 Independent Channels |
| **CA** | Input Signal | 4 – 20 mA DC (Current Loop) |
| **R2** | Output Signal | 4 – 20 mA DC (Current Loop) |
| **CE** | Certification | CE Marking (European Safety Standards) |
---
### ### Key Electronic Components & Functionality
#### 1. Dual-Channel Isolation
The device features two independent channels within a single housing. This is electronically significant because it allows for:
* **Galvanic Isolation:** Prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side.
* **Space Saving:** High-density mounting on DIN rails.
#### 2. Signal Conversion (4-20mA to 4-20mA)
It acts as a 1:1 repeater. It receives a 4-20mA signal from a field sensor and replicates it exactly for a controller. This is crucial for:
* Extending the transmission distance of a current loop.
* Matching impedances between different electronic devices.
#### 3. Power Requirements
* **Operating Voltage:** Typically 24V DC.
* **Current Consumption:** Low power consumption design to prevent heat buildup in dense control cabinets.
---
### ### Electronic Performance Table
| Feature | Specification |
| :--- | :--- |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation Resistance** | 100 MΩ minimum at 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power) |
| **Temperature Coefficient** | ±0.015% per °C |
---
### ### Application Use Case
In industrial electronics, this part is used when a single sensor signal (like a pressure transmitter) needs to be sent to two different monitoring systems (e.g., a local display and a remote PLC) without the signals interfering with one another or causing a circuit failure if one side shorts out.
- ⤷
What are the wiring diagrams for the input and output terminals of the W2SP series?
- ⤷ How does galvanic isolation differ from optical isolation in this specific model?
- ⤷ Is the W2SP-2CA-R2/CE compatible with HART protocol communication?