W2SP-2CA-R2/UL
AI

The **W2SP-2CA-R2/UL** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is specifically designed to accept a DC input signal and provide two isolated DC output signals (1-input, 2-output configuration).
---
### ## Technical Specifications
The following table outlines the primary electronic characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Input Signal** | 4 – 20 mA DC |
| **Output 1** | 4 – 20 mA DC |
| **Output 2** | 1 – 5 V DC |
| **Power Input** | 100 – 240V AC |
| **Isolation** | 3-Way (Input to Output to Power) |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Standards** | UL/cUL recognized, CE marking |
---
### ## Key Electronic Components & Functionality
#### 1. 3-Way Isolation
This part uses internal transformers and opto-isolators to ensure complete electrical separation between the input signal, the output signals, and the power source. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges.
#### 2. Dual Output Buffer
The "2CA" designation indicates a dual-output configuration. Internally, the circuit splits the input signal:
* **Output 1 (Current):** Provides a standard 4-20mA loop for recording or control.
* **Output 2 (Voltage):** Provides a 1-5V signal, often used for local monitoring or legacy systems.
#### 3. Power Supply Unit (R2)
The "R2" suffix denotes a universal AC power supply. The internal circuitry includes a switching regulator that can handle a wide range of AC voltages (100V to 240V) while maintaining a stable DC rail for the signal processing components.
#### 4. Adjustment Trimmers
The front panel typically features **Zero** and **Span** adjustments. These are high-precision potentiometers used to calibrate the output signals to ensure they accurately match the input signal range.
---
### ## Connection Diagram (Conceptual)
```mermaid
graph LR
A[4-20mA Input] --> B(W2SP-2CA-R2/UL)
C[100-240V AC Power] --> B
B --> D[Output 1: 4-20mA]
B --> E[Output 2: 1-5V]
```
---
- ⤷
What are the wiring differences between the W2SP and the W5SP models?
- ⤷ How do I perform a calibration using the Zero and Span trimmers?
- ⤷ Can this unit be mounted on a standard DIN rail?