W2TG0-111-R
AI

The **W2TG0-111-R** is a specific electronic component, typically categorized as a high-precision **Thin Film Chip Resistor** or a specific connector series depending on the manufacturer (most commonly associated with Viking Tech or similar precision passive component producers).
Below is a breakdown of its technical characteristics and internal parts.
---
## 1. Component Specifications
This part number typically follows a standardized naming convention for surface-mount devices (SMD).
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Thin Film Precision Resistor |
| **Case Size** | 0402 or 0603 (Inches) |
| **Resistance** | Variable (Defined by the "111" code) |
| **Tolerance** | ±0.1% to ±1% |
| **Temperature Coefficient** | 25ppm/°C to 50ppm/°C |
| **Termination** | RoHS Compliant / Lead-Free (indicated by -R) |
---
## 2. Internal Electronic Structure
The W2TG0-111-R is composed of several layers of materials designed for stability and electrical performance.
### A. Substrate
The base is usually made of **High-purity Alumina (Al₂O₃)**. This ceramic material provides structural integrity and excellent thermal dissipation.
### B. Resistive Layer
Unlike thick film resistors, thin film parts use a vacuum-deposited layer of **Nickel-Chromium (NiCr)** or **Tantalum Nitride (TaN)**.
* **Purpose:** This layer determines the resistance value.
* **Precision:** It is laser-trimmed to reach the exact ohmic value required.
### C. Protective Coating
A layer of **Epoxy or Glass Overglaze** is applied over the resistive element.
* **Purpose:** Protects the sensitive metal film from moisture, oxidation, and mechanical damage.
---
## 3. Terminal Construction
The "R" suffix often denotes the termination style and compliance.
1. **Inner Termination:** Sputtered Chromium or Nickel for adhesion to the resistive film.
2. **Barrier Layer:** A Nickel plating layer that prevents "leaching" (dissolving of the inner metal) during soldering.
3. **External Finish:** A **Matte Tin (Sn)** finish, which ensures high solderability and complies with RoHS (Restriction of Hazardous Substances) standards.
---
## 4. Part Number Decoding (Typical)
While naming conventions vary slightly by brand, the code usually breaks down as follows:
```text
W2TG0 - 111 - R
| | |
Series Value RoHS/Packaging
```
* **W2TG0:** Represents the product series (Thin Film, High Precision).
* **111:** Represents the resistance value. (11 followed by 1 zero = 110 Ohms).
* **R:** Signifies Tape & Reel packaging and Lead-Free compliance.
---
- ⤷
What are the specific power rating limits for the W2TG0 series?
- ⤷ How does Thin Film technology differ from Thick Film in terms of noise?
- ⤷ Is the W2TG0-111-R suitable for automotive or aerospace applications?