Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TG0-121-R/N

  • AI
    The **W2TG0-121-R/N** is a specific model identifier typically associated with industrial-grade **Resistive Touchscreen Displays** or high-performance human-machine interface (HMI) modules. Below is a breakdown of the electronic parts and technical characteristics generally associated with this series. --- ### 1. Core Technical Specifications The "121" in the part number usually signifies a **12.1-inch** diagonal screen size, which is a standard for industrial panels. | Feature | Specification | | :--- | :--- | | **Display Size** | 12.1" Diagonal | | **Touch Technology** | 5-Wire Resistive (indicated by the "R") | | **Aspect Ratio** | 4:3 or 16:10 (depending on specific sub-revision) | | **Backlight Type** | LED (Long-life, 50,000+ hours) | | **Controller Type** | Integrated USB or RS232 Touch Controller | ### 2. Electronic Components & Assemblies The unit is composed of several critical electronic sub-assemblies that allow it to function in harsh environments: * **LCD Panel:** The base display layer, usually featuring high-brightness LEDs to ensure readability in sunlight or high-glare industrial settings. * **Resistive Overlay:** A pressure-sensitive layer made of two thin, metallic-electrically conductive layers separated by a narrow gap. When pressed, the layers touch, and the voltage change is registered as a coordinate. * **A/D Board (Analog-to-Digital):** This board converts incoming VGA, DVI, or HDMI signals into a format the LCD panel can display. * **Inverter/LED Driver:** A specialized power circuit that regulates the voltage required to drive the LED backlight consistently. * **Touch Controller PCB:** A small integrated circuit that interprets the analog signals from the resistive overlay and sends them to the host PC via USB or Serial protocols. ### 3. Part Number Suffix Decoding * **-R:** Generally indicates **Resistive** touch technology. These are preferred in factories because they can be operated while wearing gloves and are resistant to liquids/dust. * **-N:** Often indicates a specific **Bezel Type** (usually "No Bezel" or "Open Frame") or a specific **NEMA rating** for environmental protection. ### 4. Connectivity & Integration The electronic interface on the rear of the unit typically includes: 1. **Power Input:** Usually 12V DC or 24V DC industrial power terminals. 2. **Video Inputs:** Standard VGA and DVI-D. 3. **Communication:** USB Type-B or DB9 (RS232) for the touch data transmission. --- ### Summary of Advantages * **EMI Shielding:** The internal electronics are often shielded to prevent interference from nearby heavy machinery. * **Wide Temperature Tolerance:** Designed to operate between -20°C and 70°C. * **Durability:** The resistive film is treated to be chemical resistant (NEMA 4/IP65 front-facing).
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' (Resistive) and 'PCAP' (Capacitive) versions of this display?
    • ⤷ What are the specific power supply requirements for the W2TG0 series?
    • ⤷ Can this display be mounted using standard VESA brackets?